Electronic Components Datasheet Search
  English  ▼

X  

PB145 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # PB145
Description  Turnkey solution on a rigid substrate enabling high-efficacy designs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

PB145 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  PB145 Datasheet HTML 1Page - Lumileds Lighting Company PB145 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IllumInatIon
luXEon XR-3535l
Turnkey solution on a rigid substrate enabling
high-efficacy designs
LUXEON XR-3535L is a fully integrated solution optimized for lighting
applications requiring linear LED arrays mounted on a rigid and thermally
conductive substrate. The turnkey solution minimizes time to market
and simplifies supply chain by reducing optical and mechanical design
efforts. Combined with LUXEON 3535L, the integrated unit provides the
same powerful optical performance guaranteed by LUXEON LEDs.
FEatuREs and BEnEFIts
PRImaRy aPPlIcatIons
1400–1500 lumen offerings enabling efficacies of up to 152 lm/W
Indoor Area Lighting
A full range of CCT offerings: 3000–5000K with 80CRI minimum
– Troffers
Complete integrated solution guarantees simplified supply chain and
faster time to market
Super CEM3 PCB rigid substrate for mechanical robustness and efficient
heat dissipation
Two electrical connector options with snap-together or pushbutton
terminal blocks
Zhaga certified mechanical design for easy mounting and assembly
UL-recognized component [E335118]
RoHS
COMPLIANT


Similar Part No. - PB145

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB142 LUMILEDS-PB142 Datasheet
1Mb / 2P
Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
PB144 LUMILEDS-PB144 Datasheet
1Mb / 2P
Multiple colors, a single focal length
PB146 LUMILEDS-PB146 Datasheet
1Mb / 2P
Color LEDs that deliver the perfect amount of color you need
More results

Similar Description - PB145

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLFBLST0H2064GRXXXX ZILOG-ZLFBLST0H2064GRXXXX Datasheet
2Mb / 8P
Your Complete Turnkey Infrared System-on-Chip Solution
logo
Lumileds Lighting Compa...
L202-4080033C30000 LUMILEDS-L202-4080033C30000 Datasheet
2Mb / 14P
Turnkey solution on a rigid substrate enabling high-efficacy designs
L218-4080048C00000 LUMILEDS-L218-4080048C00000 Datasheet
1Mb / 10P
Linear LED module on an ultra-slim and rigid substrate enabling high efficacy designs
L235-3580AHLGBBAC0 LUMILEDS-L235-3580AHLGBBAC0 Datasheet
2Mb / 18P
Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
L235-4080AHLCBAAC0 LUMILEDS-L235-4080AHLCBAAC0 Datasheet
2Mb / 18P
Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
PB142 LUMILEDS-PB142 Datasheet
1Mb / 2P
Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
PB159 LUMILEDS-PB159 Datasheet
1Mb / 2P
Linear LED module on an ultra-slim and rigid substrate enabling high efficacy designs
DS142 LUMILEDS-DS142 Datasheet
2Mb / 18P
Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
DS145 LUMILEDS-DS145 Datasheet
2Mb / 14P
Turnkey solution on a rigid substrate enabling high-efficacy designs
DS159 LUMILEDS-DS159 Datasheet
1Mb / 10P
Linear LED module on an ultra-slim and rigid substrate enabling high efficacy designs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com