Electronic Components Datasheet Search
  English  ▼

X  

PB145 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # PB145
Description  Turnkey solution on a rigid substrate enabling high-efficacy designs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

PB145 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  PB145 Datasheet HTML 1Page - Lumileds Lighting Company PB145 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2015 Lumileds Holding B.V. All rights reserved.
LUXEON is a registered trademark of the Lumileds Holding B.V.
in the United States and other countries.
lumileds.com
Neither Lumileds Holding B.V. nor its affiliates shall be liable for any kind of loss of data or any
other damages, direct, indirect or consequential, resulting from the use of the provided
information and data. Although Lumileds Holding B.V. and/or its affiliates have attempted to
provide the most accurate information and data, the materials and services information and data
are provided “as is,” and neither Lumileds Holding B.V. nor its affiliates warrants or guarantees
the contents and correctness of the provided information and data. Lumileds Holding B.V. and its
affiliates reserve the right to make changes without notice. You as user agree to this disclaimer
and user agreement with the download or use of the provided materials, information and data.
PB145 LUXEON XR-3535L Product Brief 20151022
LUXEON XR-3535L product performance at 300mA, T
j=25°C
[1]
.
nomInal cct
mInImum
cRI [2]
lumInous FluX [3] (lm)
tyPIcal lumInous
EFFIcacy (lm/W)
PaRt numBER [4]
mInImum
tyPIcal
3000K
80
1320
1403
142
L202 - 3080033C3000x
3500K
80
1386
1469
148
L202 - 3580033C3000x
4000K
80
1419
1502
152
L202 - 4080033C3000x
5000K
80
1419
1502
152
L202 - 5080033C3000x
Notes:
1. Nominal current is 100mA x 3 parallel strings = 300 mA.
2. Lumileds maintains a tolerance of ±2 on CRI measurements.
3. Lumileds maintains a tolerance of ±7.5% on flux measurements.
4. “x” is an attribute used to designate connector brand/type. See Part Number Nomenclature on product datasheet.
Notes:
1. Drawings are not scale.
2. All dimensions are in millimeters.
Mechanical Dimensions for L202 - xxxx033C30000 (snap-together connectors).
Mechanical Dimensions for L202 - xxxx033C30001 (pushbutton connectors).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com