Electronic Components Datasheet Search
  English  ▼

X  

LT1952 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1952
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1952 Datasheet HTML 5Page - Linear Technology LT1952 Datasheet HTML 6Page - Linear Technology LT1952 Datasheet HTML 7Page - Linear Technology LT1952 Datasheet HTML 8Page - Linear Technology LT1952 Datasheet HTML 9Page - Linear Technology LT1952 Datasheet HTML 10Page - Linear Technology LT1952 Datasheet HTML 11Page - Linear Technology LT1952 Datasheet HTML 12Page - Linear Technology LT1952 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT1952
9
1952f
BLOCK DIAGRA
TI I G DIAGRA
VREF
>90%
–
+
SOURCE
2.5mA
2.5V
1.23V
(100 TO 500)kHz
OSC
(TYPICAL 200kHz)
IHYST
11µA SD_VSEC = 1.32V
0µA SD_VSEC > 1.32V
7
5
14
13
6
3
4
10
8
1
9
2
SD_VSEC
ROSC
SYNC
1.32V
1.23V
ADAPTIVE
MAXIMUM
DUTY CYCLE
CLAMP
(LINEAR)
SLOPE COMP
8µA 0% DC
35µA 80% DC
RAMP
S
Q
R
R
Q
S
BLANK
FB
COMP
GND
BLANK
12
DELAY
VREF
15
VIN
SS_MAXDC
SOFT-START CONTROL
OVER
CURRENT
SENSE
CURRENT
OUT
16 SOUT
PGND
ISENSE
11 OC
DRIVER
±1A
±50mA
12V
13V
0.45V
1952 BD
–
+
(VOLTAGE)
ERROR AMPLIFIER
100mV
0mV TO 220mV
ON
DELAY
14.25V ON
8.75V OFF
460µA START-UP
INPUT CURRENT
–
+
Figure 2. Block Diagram
1952 F01
tDELAY: PROGRAMMABLE SYNCHRONOUS DELAY
FAULTS TRIGGERING SOFT-START
VIN < 8.75V
OR
SD_VSEC < 1.32V (UVLO)
OR
OC > 100mV (OVER-CURRENT)
SOFT-START LATCH RESET:
VIN > 14.25V (> 8.75V IF LATCH SET BY OC)
AND
SD_VSEC > 1.32V
AND
OC < 100mV
AND
SS_MAXDC < 0.45V
SOFT-START
LATCH SET
SOUT
OUT
SS_MAXDC
0.8V (ACTIVE THRESHOLD)
0.45V (RESET THRESHOLD)
0.2V
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com