Electronic Components Datasheet Search
  English  ▼

X  

LT1952 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1952
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952 Datasheet(HTML) 1 Page - Linear Technology

  LT1952 Datasheet HTML 1Page - Linear Technology LT1952 Datasheet HTML 2Page - Linear Technology LT1952 Datasheet HTML 3Page - Linear Technology LT1952 Datasheet HTML 4Page - Linear Technology LT1952 Datasheet HTML 5Page - Linear Technology LT1952 Datasheet HTML 6Page - Linear Technology LT1952 Datasheet HTML 7Page - Linear Technology LT1952 Datasheet HTML 8Page - Linear Technology LT1952 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT1952
1
1952f
APPLICATIO S
TYPICAL APPLICATIO
DESCRIPTIO
FEATURES
The LT
®1952 is a current mode PWM controller optimized
to control the forward converter topology, using one
primary MOSFET. The LT1952 provides synchronous
rectifier control, resulting in extremely high efficiency. A
programmable Volt-Second clamp provides a safeguard
for transformer reset that prevents saturation. This allows
a single MOSFET on the primary side to reliably run at
greater than 50% duty cycle for high MOSFET, trans-
former and rectifier utilization. The LT1952 includes
soft-start for controlled exit from shutdown, overcurrent
conditions and undervoltage lockout. A precision 100mV
current limit threshold, independent of duty cycle, com-
bines with soft-start to provide hiccup short circuit protec-
tion. Micropower start-up allows the LT1952 to be effi-
ciently started from high input voltages. Programmable
slope compensation and leading edge blanking allow
optimization of loop bandwidth with a wide range of
inductors and MOSFETs. The LT1952 can be programmed
over a 100kHz to 500kHz frequency range and the part can
be synchronized to an external clock. The error amplifier
is a true op amp, allowing a wide range of compensation
networks. The LT1952 is available in a small 16-pin SSOP
package.
■ Telecommunications Power Supplies
■
Industrial and Distributed Power
■ Isolated and Non-Isolated DC/DC Converters
, LTC and LT are registered trademarks of Linear Technology Corporation.
■ Synchronous Rectifier Control for High Efficiency
■ Programmable Volt-Second Clamp
■ Output Power Levels from 25W to 500W
■ Low Current Start-Up
■ True PWM Soft-Start
■ Low Stress Short Circuit Protection
■ Precision 100mV Current Limit Threshold
■ Adjustable Delay for Synchronous Timing
■ Accurate Shutdown Threshold with Programmable
Hysteresis
■ Programmable Slope Compensation
■ Programmable Leading Edge Blanking
■ Programmable Frequency (100kHz to 500kHz)
■ Synchronizable to an External Clock up to 1.5 • fOSC
■ Internal 1.23V Reference
■ 2.5V External Reference
■ Current Mode Control
■ Small 16-Pin SSOP Package
Single Switch Synchronous
Forward Controller
36V to 72V Input, 12V at 20A Semi-Regulated Bus Converter
VIN
VIN
T1
PA0905
SUPPLY FROM BIAS
WINDING OF T1
Si7370
×2
PH4840
×2
L1
PA1494.242
47µF
16V
X5R
×2
VOUT
12V
20A
220pF
560Ω
T2
1952 TA01
VREF
COMP
SS_MAXDC
SD_VSEC
FB
SYNC
GND
VIN
OUT
OC
ISENSE
SOUT
LT1952
BLANK DELAY
ROSC
0.1µF
40k
16V
340k
13k
52.3k
40k
40k
PGND
178k
100k
Si7450
0.005Ω
SYNC
FG
CG
LTC3900
10µF
0.1µF
12V Bus Converter
VOUT vs VIN
VIN (V)
36
8
10
16
48
60
66
1952 TA01b
14
12
42
54
72


Similar Part No. - LT1952

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1952 LINER-LT1952 Datasheet
479Kb / 26P
Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LT1952 LINER-LT1952 Datasheet
282Kb / 20P
Synchronous Rectifier Driver for Forward Converters
LT1952 LINER-LT1952 Datasheet
504Kb / 42P
Synchronous No-Opto Flyback Controller
LT1952 LINER-LT1952 Datasheet
367Kb / 28P
Single Switch Synchronous Forward Controller
LT1952-1 LINER-LT1952-1 Datasheet
235Kb / 24P
Single Switch Synchronous Forward Controller
More results

Similar Description - LT1952

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3725 LINER-LTC3725 Datasheet
271Kb / 20P
Single-Switch Forward Controller and Gate Driver
LT1952-1 LINER-LT1952-1 Datasheet
235Kb / 24P
Single Switch Synchronous Forward Controller
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
Secondary-Side Synchronous Forward Controller
LTC3726 LINER-LTC3726_15 Datasheet
214Kb / 16P
Secondary-Side Synchronous Forward Controller
LT3781 LINER-LT3781_15 Datasheet
259Kb / 20P
Transistor Synchronous Forward Controller
LTC3725 LINER-LTC3725_15 Datasheet
275Kb / 20P
Single-Switch Forward Controller and Gate Driver
LT1681 LINER-LT1681_15 Datasheet
280Kb / 20P
Dual Transistor Synchronous Forward Controller
LT1952 LINER-LT1952_15 Datasheet
367Kb / 28P
Single Switch Synchronous Forward Controller
LT1952-1 LINER-LT1952-1_15 Datasheet
367Kb / 28P
Single Switch Synchronous Forward Controller
LT3753 LINER-LT3753_15 Datasheet
437Kb / 36P
Active Clamp Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com