Electronic Components Datasheet Search
  English  ▼

X  

LTC4212IMS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4212IMS
Description  Hot Swap Controller with Power-Up Timeout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4212IMS Datasheet(HTML) 2 Page - Linear Technology

  LTC4212IMS Datasheet HTML 1Page - Linear Technology LTC4212IMS Datasheet HTML 2Page - Linear Technology LTC4212IMS Datasheet HTML 3Page - Linear Technology LTC4212IMS Datasheet HTML 4Page - Linear Technology LTC4212IMS Datasheet HTML 5Page - Linear Technology LTC4212IMS Datasheet HTML 6Page - Linear Technology LTC4212IMS Datasheet HTML 7Page - Linear Technology LTC4212IMS Datasheet HTML 8Page - Linear Technology LTC4212IMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC4212
4212f
Supply Voltage (VCC) ............................................... 17V
Input Voltages
ON, PGI ................................................ – 0.3V to 17V
SENSE .................................... – 0.3V to (VCC + 0.3V)
TIMER, PGT, PGF ....................................– 0.3V to 2V
Output Voltages
GATE ............................... Internally Limited (Note 3)
FAULT .................................................. – 0.3V to 17V
Operating Temperature Range
LTC4212C .............................................. 0
°C to 70°C
LTC4212I ........................................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ORDER PART
NUMBER
LTC4212CMS
LTC4212IMS
MS PART
MARKING
LTC5
LTC6
TJMAX = 125°C, θJA = 200°C/ W
1
2
3
4
5
ON
TIMER
PGT
PGF
GND
10
9
8
7
6
FAULT
VCC
SENSE
GATE
PGI
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
VCC Supply Voltage Range
q
2.5
16.5
V
ICC
VCC Supply Current
ON = High, TIMER = Low
q
1
1.5
mA
VLKO
Internal VCC Undervoltage Lockout
VCC Low-to-High Transition
q
2.13
2.34
2.47
V
VLKOHST
VCC Undervoltage Lockout Hysteresis
110
mV
IINON
ON Input Current
VON = VCC or GND
±1
±10
µA
ILEAK
FAULT Leakage Current
VFAULT = 15V, Pull-Down Device Off
q
±0.1
±2.5
µA
IINPGI
PGI Pin Input Current
VPGI = VCC or GND
±1
±10
µA
IINSENSE
SENSE Input Current
VSENSE = VCC or GND
±1
±10
µA
VCB(FAST)
SENSE Trip Voltage (VCC – VSENSE)
Fast Comparator Trips
q
130
150
170
mV
VCB(SLOW)
SENSE Trip Voltage (VCC – VSENSE)
Slow Comparator Trips
q
40
50
60
mV
IGATEUP
GATE Pull-Up Current
Charge Pump On, VGATE ≤ 0.2V
q
– 12.5
– 10
– 7.5
µA
IGATEDOWN Normal GATE Pull-Down Current
ON Low
q
130
200
270
µA
Fast GATE Pull-Down Current
FAULT Latched and Circuit Breaker
50
mA
Tripped or in UVLO, VGATE = 15V
∆VGATE
External N-Channel Gate Drive
VGATE – VCC (For VCC = 2.5V)
q
4.0
8
V
VGATE – VCC (For VCC = 2.7V)
q
4.5
8
V
VGATE – VCC (For VCC = 3.3V)
q
5.0
10
V
VGATE – VCC (For VCC = 5V)
q
10
16
V
VGATE – VCC (For VCC = 12V)
q
10
18
V
VGATE – VCC (For VCC = 15V), (Note 3)
q
815
V
VGATEOV
GATE Overvoltage Lockout Threshold
q
0.08
0.2
0.3
V
VONHI
ON Threshold High
q
1.23
1.316
1.39
V
VONLO
ON Threshold Low
q
0.4
0.455
0.5
V
VPGI
Power Good Input Threshold
q
1.20
1.236
1.26
V
VPGIHST
Power Good Input Hysterisis
28
mV
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VCC = 5V, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com