Electronic Components Datasheet Search
  English  ▼

X  

LTC4212IMS Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4212IMS
Description  Hot Swap Controller with Power-Up Timeout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4212IMS Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4212IMS Datasheet HTML 16Page - Linear Technology LTC4212IMS Datasheet HTML 17Page - Linear Technology LTC4212IMS Datasheet HTML 18Page - Linear Technology LTC4212IMS Datasheet HTML 19Page - Linear Technology LTC4212IMS Datasheet HTML 20Page - Linear Technology LTC4212IMS Datasheet HTML 21Page - Linear Technology LTC4212IMS Datasheet HTML 22Page - Linear Technology LTC4212IMS Datasheet HTML 23Page - Linear Technology LTC4212IMS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC4212
4212f
OPERATIO
For example:
If a sense resistor with 7m
Ω ±5% RTOL is used for current
limiting, the nominal trip current ITRIP(NOM) = 7.1A. From
Equations 11 and 12, ITRIP(MIN) = 5.4A and ITRIP(MAX) =
9.02A respectively.
For proper operation and to avoid the circuit breaker
tripping unnecessarily, the minimum trip current
(ITRIP(MIN)) must exceed the circuit’s maximum operating
load current. For reliability purposes, the operation at the
maximum trip current (ITRIP(MAX)) must be evaluated
carefully. If necessary, two resistors with the same RTOL
can be connected in parallel to yield an RSENSE(NOM) value
that fits the circuit requirements.
Power MOSFET Selection Criteria
To start the power MOSFET selection process, choose the
maximum drain-to-source voltage, VDS(MAX), and the
maximum drain current, ID(MAX) of the MOSFET. The
VDS(MAX) rating must exceed the maximum input supply
voltage (including surges, spikes, ringing, etc.) and the
ID(MAX) rating must exceed the maximum short-circuit
current in the system during a fault condition. In addition,
consider three other key parameters: 1) the required gate-
source (VGS) voltage drive, 2) the voltage drop across the
drain-to-source on resistance, RDS(ON) and 3) the maxi-
mum junction temperature rating of the MOSFET.
Power MOSFETs are classified into two categories: stan-
dard MOSFETs (RDS(ON) specified at VGS = 10V) and
logic-level MOSFETs (RDS(ON) specified at VGS = 5V). The
absolute maximum rating for VGS is typically ±20V for
standard MOSFETs. However, the VGS maximum rating
for logic-level MOSFETs ranges from
±8V to ±20V de-
pending upon the manufacturer and the specific part
number. The LTC4212’s GATE overdrive as a function of
VCC is illustrated in the Typical Performance curves. Logic-
level MOSFETs are recommended for low supply voltage
applications and standard MOSFETs can be used for appli-
cations where supply voltage is greater than 4.75V.
Note that in some applications, the gate of the external
MOSFET can discharge faster than the output voltage
when the circuit breaker is tripped. This causes a negative
VGS voltage on the external MOSFET. Usually, the selected
external MOSFET should have a
±VGS(MAX) rating that is
higher than the operating input supply voltage to ensure
that the external MOSFET is not destroyed by a negative
VGS voltage. In addition, the ±VGS(MAX) rating of the
MOSFET must be higher than the gate overdrive voltage.
Lower
±VGS(MAX) rating MOSFETs can be used with the
LTC4212 if the GATE overdrive is clamped to a lower
voltage. The circuit in Figure 8 illustrates the use of zener
diodes to clamp the LTC4212’s GATE overdrive signal if
lower voltage MOSFETs are used.
VCC
VOUT
*USER SELECTED VOLTAGE CLAMP
(A LOW BIAS CURRENT ZENER DIODE IS RECOMMENDED)
1N4688 (5V)
1N4692 (7V): LOGIC-LEVEL MOSFET
1N4695 (9V)
1N4702 (15V): STANDARD-LEVEL MOSFET
4212 F08
RSENSE
GATE
D2*
D1*
Q1
RG
200
Ω
Figure 8. Optional Gate Clamp for Lower VGS(MAX) MOSFETs
The RDS(ON) of the external pass transistor should be low
to make its drain-source voltage (VDS) a small percentage
of VCC. At a VCC = 2.5V, VDS + VRSENSE = 0.1V yields 4%
error at the output voltage. This restricts the choice of
MOSFETs to very low RDS(ON). At higher VCC voltages, the
VDS requirement can be relaxed in which case MOSFET
package dissipation (PD and TJ) may limit the value of
RDS(ON). Table 6 lists some power MOSFETs that can be
used with the LTC4212.
For reliable circuit operation, the maximum junction tem-
perature (TJ(MAX)) for a power MOSFET should not exceed
the manufacturer’s recommended value. This includes
normal mode operation, start-up, current-limit and
autoretry mode in a fault condition. Under normal condi-
tions the junction temperature of a power MOSFET is given
by Equation 13:
MOSFET Junction Temperature,
TJ(MAX) ≤ TA(MAX) + θJA • PD
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com