Electronic Components Datasheet Search
  English  ▼

X  

MAX1121 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1121
Description  1.8V, 8-Bit, 250Msps Analog-to-Digital Converter with LVDS Outputs for Wideband Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1121 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1121 Datasheet HTML 1Page - Maxim Integrated Products MAX1121 Datasheet HTML 2Page - Maxim Integrated Products MAX1121 Datasheet HTML 3Page - Maxim Integrated Products MAX1121 Datasheet HTML 4Page - Maxim Integrated Products MAX1121 Datasheet HTML 5Page - Maxim Integrated Products MAX1121 Datasheet HTML 6Page - Maxim Integrated Products MAX1121 Datasheet HTML 7Page - Maxim Integrated Products MAX1121 Datasheet HTML 8Page - Maxim Integrated Products MAX1121 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
1.8V, 8-Bit, 250Msps Analog-to-Digital Converter
with LVDS Outputs for Wideband Applications
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVCC = OVCC = 1.8V, AGND = OGND = 0, fSAMPLE = 250MHz, differential sine-wave clock input drive, 0.1µF capacitor on REFIO,
internal reference, digital output pins differential RL = 100Ω ±1%, CL = 5pF, TA = TMIN to TMAX, unless otherwise noted. ≥25°C guar-
anteed by production test, <25°C guaranteed by design and characterization. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Offset Voltage
OVOS
1.125
1.310
V
LVCMOS DIGITAL INPUTS (CLKDIV,
T/B)
Digital Input Voltage Low
VIL
0.2 x
AVCC
V
Digital Input Voltage High
VIH
0.8 x
AVCC
V
TIMING CHARACTERISTICS
CLK to Data Propagation Delay
tPDL
Figure 4
1.5
ns
CLK to DCLK Propagation Delay
tCPDL
Figure 4
2.85
ns
Data Valid to DCLK Rising Edge
tCPDL -
tPDL
Figure 4 (Note 2)
0.92
1.35
1.86
ns
LVDS Output Rise-Time
tRISE
20% to 80%, CL = 5pF
460
ps
LVDS Output Fall-Time
tFALL
20% to 80%, CL = 5pF
460
ps
Output Data Pipeline Delay
tLATENCY
8
Clock
cycles
POWER REQUIREMENTS
Analog Supply Voltage Range
AVCC
1.70
1.80
1.90
V
Digital Supply Voltage Range
OVCC
1.70
1.80
1.90
V
Analog Supply Current
IAVCC
fIN = 100MHz
220
290
mA
Digital Supply Current
IOVCC
fIN = 100MHz
45
75
mA
Analog Power Dissipation
PDISS
fIN = 100MHz
477
657
mW
Offset
1.6
mV/V
Power-Supply Rejection Ratio
(Note 3)
PSRR
Gain
1.9
%FS/V
Note 1: Static linearity and offset parameters are computed from a best-fit straight line through the code transition points. The full-
scale range is defined as 1023 x slope of the line.
Note 2: Parameter guaranteed by design and characterization; TA = TMIN to TMAX.
Note 3: PSRR is measured with both analog and digital supplies connected to the same potential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com