Electronic Components Datasheet Search
  English  ▼

X  

CDB7121P Datasheet(PDF) 7 Page - Cirrus Logic

Part # CDB7121P
Description  Flexible PCB for full acoustic validation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB7121P Datasheet(HTML) 7 Page - Cirrus Logic

  CDB7121P Datasheet HTML 1Page - Cirrus Logic CDB7121P Datasheet HTML 2Page - Cirrus Logic CDB7121P Datasheet HTML 3Page - Cirrus Logic CDB7121P Datasheet HTML 4Page - Cirrus Logic CDB7121P Datasheet HTML 5Page - Cirrus Logic CDB7121P Datasheet HTML 6Page - Cirrus Logic CDB7121P Datasheet HTML 7Page - Cirrus Logic CDB7121P Datasheet HTML 8Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
DS1126DB1
CDB7121P
4 Layout
4 Layout
5 Known Issues
There are no known issues with this board.
6 Bill of Materials
7 Revision History
Figure 4-1. Top Layer + Silkscreen
Figure 4-2. Bottom Layer + Silkscreen
Table 6-1. Bill of Materials
Item
RefDes
Description
Manufacturer
Manufacturer's Part Number
1
U1
WM7121P Bottom Port Analog Silicon Microphone
Cirrus Logic
WM7121PIMSE
2C1
0.1-
F 0603 SMD Ceramic Capacitor 16 V X7R
Phycomp
2238 786 15649
3, 4
R1, R4
0-
 0603 SMD chip resistor 1% 0.063W
Multicomp
MC 0.063W 0603 0R
5
PCB
WM7121P Top Port demo board PCB
Cirrus Logic
CDB71T-4B-M1
Table 7-1. Revision History
Revision
Changes
DB1
NOV ‘16
• Initial version.
Important: Please check www.Cirrus.com to confirm that you are using the latest revision of this document and to determine whether there
are errata associated with this device.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com