Electronic Components Datasheet Search
  English  ▼

X  

CDB7121P Datasheet(PDF) 3 Page - Cirrus Logic

Part # CDB7121P
Description  Flexible PCB for full acoustic validation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB7121P Datasheet(HTML) 3 Page - Cirrus Logic

  CDB7121P Datasheet HTML 1Page - Cirrus Logic CDB7121P Datasheet HTML 2Page - Cirrus Logic CDB7121P Datasheet HTML 3Page - Cirrus Logic CDB7121P Datasheet HTML 4Page - Cirrus Logic CDB7121P Datasheet HTML 5Page - Cirrus Logic CDB7121P Datasheet HTML 6Page - Cirrus Logic CDB7121P Datasheet HTML 7Page - Cirrus Logic CDB7121P Datasheet HTML 8Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
DS1126DB1
CDB7121P
1 System Overview
1 System Overview
The CDB7121P customer demo board is a flexible PCB for evaluating the WM7121P low-profile analog silicon
microphone. The following subsections describe the features of CDB7121P customer demo board in detail.
1.1 Test Points
Six test points are available to provide all the connections from WM7121P to standard test equipment for full acoustic
measurement. Test points are described in Table 1-1. The operating supply voltage of WM7121P is provided in the data
sheet, which is available from Cirrus website.
1.2 Edge Connector
The J1 and J2 edge connector pads provide a pluggable connection to a codec main board with compatible edge card
socket. The edge connector pin-outs are described in Table 1-2 and Table 1-3.
1.3 Trim Line
To enable more accurate free field frequency responses to be obtained, the flexible region of the CDB7121P may be
trimmed to reduce acoustic interactions. If required, there is a guide line on the silkscreen that can be cut along. Refer to
Fig. 4-1 for further details.
Table 1-1. Test Point signals
Test Point
Pin
Direction
Description
TP1
VDD
Supply
Analog Supply
TP2
OP+
Output
Microphone analogue output signal
TP3
NA
NA
Not Applicable
TP4, TP5, TP6
GND
Ground reference
Analog Ground
Table 1-2. Edge connection J1
Pin
Pin
Direction
Description
1
OP+
Output
Microphone analogue output signal
(pin 1 is marked by a small dot)
2
VDD
Supply
Analog supply from codec MICBIAS
3, 7
GND
Ground reference
Analog ground
8
—
—
Not applicable
4, 5, 6, 9, 10
NC
—
No connection
Table 1-3. Edge connection J2
Pin
Pin
Direction
Description
1,2,3,4,5,6,7,8,9,10
NC
NA
No Connection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com