Electronic Components Datasheet Search
  English  ▼

X  

CS43L36 Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 50Page - Cirrus Logic CS43L36 Datasheet HTML 51Page - Cirrus Logic CS43L36 Datasheet HTML 52Page - Cirrus Logic CS43L36 Datasheet HTML 53Page - Cirrus Logic CS43L36 Datasheet HTML 54Page - Cirrus Logic CS43L36 Datasheet HTML 55Page - Cirrus Logic CS43L36 Datasheet HTML 56Page - Cirrus Logic CS43L36 Datasheet HTML 57Page - Cirrus Logic CS43L36 Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 89 page
background image
DS1081F3
54
CS43L36
6.3 Clocking Registers
6.3 Clocking Registers
6.4 Interrupt Registers
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94 (Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x12—Clocking Registers
Address
Function
76
54321
0
0x00
Control Port Page
PAGE
00
01001
0
0x01
MCLK Source Select
—
MCLKDIV
MCLK_SRC_
SEL
p. 64
00
00000
0
0x02
Reserved
—
xxxx
xxx
x
0x03
FSYNC Pulse Width
Lower Byte
FSYNC_PULSE_WIDTH_LB
p. 65
00
00000
0
0x04
FSYNC Pulse Width
Upper Byte
—
FSYNC_PULSE_WIDTH_UB
p. 65
00
00000
0
0x05
FSYNC Period Lower
Byte
FSYNC_PERIOD_LB
p. 65
11
11100
1
0x06
FSYNC Period Upper
Byte
—
FSYNC_PERIOD_UB
p. 65
00
00000
0
0x07
ASP Clock
Configuration 1
—
ASP_SCLK_
EN
ASP_
HYBRID_
MODE
—
ASP_SCPOL_
IN_DAC
ASP_LCPOL_
OUT
ASP_LCPOL_
IN
p. 65
00
00000
0
0x08
ASP Frame
Configuration
—
ASP_STP
ASP_5050
ASP_FSD
p. 66
00
01000
0
0x09
Fs Rate Enable
—
FS_EN
p. 66
00
00000
0
0x0A
Input ASRC Clock
Select
—
CLK_IASRC_SEL
p. 66
00
00000
0
0x0B
Reserved
—
xxxx
xxx
x
0x0C
PLL Divide
Configuration 1
—
SCLK_PREDIV
p. 66
00
00000
0
0x0D–0x7F Reserved
—
xxxx
xxx
x
I2C Address: 10010(AD1)(AD0)[R/W] through 10010(AD1)(AD0)0 = 0x94 (Write); 10010(AD1)(AD0)1 = 0x95 (Read)
Page 0x13—Interrupt Registers
Address
Function
7
6
543210
0x00
Control Port Page
PAGE
00
010011
0x01
Reserved
—
xxxx
xxxx
0x02
Channel Overflow
Interrupt Status (Read
Only)
—
CHA_OVFL
CHB_OVFL
p. 67
0
0
0
0
xxxx
0x03
SRC Interrupt Status
(Read Only)
—
SRC_IUNLK
—
SRC_ILK
p. 67
0
0
0
0
xxxx
0x04
ASP RX Interrupt
Status (Read Only)
—
ASPRX_OVLD
ASPRX_
ERROR
ASPRX_LATE
ASPRX_
EARLY
ASPRX_
NOLRCK
p. 67
0
0
0
x
xxxx
0x05–0x07 Reserved
—
xxxx
xxxx
0x08
DAC Interrupt Status
(Read Only)
—
PDN_DONE
p. 68
00
0000
x
x
0x09
Detect Status 1 (Read
Only)
—
TIP_SENSE_
PLUG
TIP_SENSE_
UNPLUG
—
p. 68
xxxx
xxxx
0x0A
Reserved
—
xxxx
xxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com