Electronic Components Datasheet Search
  English  ▼

X  

CS43L36 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 56Page - Cirrus Logic CS43L36 Datasheet HTML 57Page - Cirrus Logic CS43L36 Datasheet HTML 58Page - Cirrus Logic CS43L36 Datasheet HTML 59Page - Cirrus Logic CS43L36 Datasheet HTML 60Page - Cirrus Logic CS43L36 Datasheet HTML 61Page - Cirrus Logic CS43L36 Datasheet HTML 62Page - Cirrus Logic CS43L36 Datasheet HTML 63Page - Cirrus Logic CS43L36 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 89 page
background image
DS1081F3
60
CS43L36
7.1 Global Registers
7.1.3
Serial Port SRC Control
Address 0x1007
R/W
765
432
1
0
—
I2C_DRIVE
—
SRC_BYPASS_DAC
—
Default
0
001
00
0
0
Bits
Name
Description
7:4
—
Reserved
3I2C_
DRIVE
I2C output drive strength. Selects drive strength used for the SDA output
0 (Default) Normal
1 Decreased
2—
Reserved
1
SRC_
BYPASS_
DAC
Bypass SRC (DAC path). Determines the bypass of the input SRCs. See Section 4.6 for details.
0 (Default) No bypass
1 Bypass. SRC_SDIN_FS (see p. 78) must be set equal to FsINT.
0—
Reserved
7.1.4
MCLK Status
Address 0x1008
R/W
7654
32
1
0
—
INTERNAL_FS_STAT
—
Default
000
0
00
x
0
Bits
Name
Description
7:2
—
Reserved
1INTERNAL_
FS_STAT
Internal sample rate status. Indicates the divide ratio from MCLKINT (set in INTERNAL_FS, see Section 7.1.5) to produce
the internal sample rate for all converters.
0 FsINT = MCLKINT/250. Indicates that the internal MCLK is 12 or 24 MHz.
1 FsINT = MCLKINT/256. Indicates that the internal MCLK is 11.2896, 12.288, 22.5792, or 24.576 MHz.
0—
Reserved
7.1.5
MCLK Control
Address 0x1009
R/W
76543210
—
INTERNAL_FS
—
Default
000000
10
Bits
Name
Description
7:2
—
Reserved
1
INTERNAL_
FS
Internal sample rate (FsINT). Selects the divide ratio from MCLKINT to produce the internal sample rate for all converters.
See Table 4-4 for programming details. This bit always returns zero when read. Reports status in INTERNAL_FS_STAT.
0 FsINT = MCLKINT/250. Set if internal MCLK is 12 or 24 MHz.
1 (Default) FsINT = MCLKINT/256. Set if internal MCLK is 11.2896, 12.288, 22.5792, or 24.576 MHz.
If MCLKINT 11.2896, 12, or 12.288 MHz, MCLKDIV must be 0. If it is 22.5792, 24, or 24.576 MHz, MCLKDIV must be 1.
0—
Reserved
7.1.6
Soft Ramp Rate
Address 0x100A
R/W
7654
3
2
1
0
ASR_RATE
DSR_RATE
Default
1010
0
1
0
0
Bits Name
Description
7:4 ASR_
RATE
Analog soft-ramp rate (number of Fs periods between steps). Selects the soft ramp rate for all analog volumes. Step size = 1 dB
or 2 dB for HPOUTx. See Section 4.2.2 for details.
0000 1
0001 2
0010 4
0011 6
0100 8
0101 11
0110 12
0111 16
1000 22
1001 24
1010 (Default) 33
1011 36
1100 44
1101 48
1110 66
1111 72
3:0 DSR_
RATE
Digital soft-ramp rate (number of Fs periods between steps). Selects soft ramp rate for all digital volumes. Step size = 0.125 dB.
0000 1
0001 2
0010 4
0011 6
0100 (Default) 8
0101 1
0110 12
0111 16
1000 22
1001 24
1010 33
1011 36
1100 44
1101 48
1110 66
1111 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com