Electronic Components Datasheet Search
  English  ▼

X  

MIC2589 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2589
Description  SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2589 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2589 Datasheet HTML 1Page - Micrel Semiconductor MIC2589 Datasheet HTML 2Page - Micrel Semiconductor MIC2589 Datasheet HTML 3Page - Micrel Semiconductor MIC2589 Datasheet HTML 4Page - Micrel Semiconductor MIC2589 Datasheet HTML 5Page - Micrel Semiconductor MIC2589 Datasheet HTML 6Page - Micrel Semiconductor MIC2589 Datasheet HTML 7Page - Micrel Semiconductor MIC2589 Datasheet HTML 8Page - Micrel Semiconductor MIC2589 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MIC2589/2595
Micrel
M9999-031504
2
March 2004
Ordering Information
PWRGD
Circuit Breaker
Part Number
Polarity
Input Voltage Monitor Pins
Function
Package
MIC2589-1BM
Active-High
Programmable UVLO & OVLO
Latched Off
14-pin SOIC
MIC2589-2BM
Active-Low
Programmable UVLO & OVLO
Latched Off
14-pin SOIC
MIC2589R-1BM
Active-High
Programmable UVLO & OVLO
Auto-Retry
14-pin SOIC
MIC2589R-2BM
Active-Low
Programmable UVLO & OVLO
Auto-Retry
14-pin SOIC
MIC2595-1BM
Active-High
Programmable UVLO Hysteresis
Latched Off
14-pin SOIC
MIC2595-2BM
Active-Low
Programmable UVLO Hysteresis
Latched Off
14-pin SOIC
MIC2595R-1BM
Active-High
Programmable UVLO Hysteresis
Auto-Retry
14 pin SOIC
MIC2595R-2BM
Active-Low
Programmable UVLO Hysteresis
Auto-Retry
14-pin SOIC
Pin Configuration
1
PWRGD1
PGTIMER
UV
OV
CFILTER
CNLD
VEE
14 VDD
PWRGD3
PWRGD2
DRAIN
GATE
SENSE
NC
13
12
11
10
9
8
2
3
4
5
6
7
14-Pin SOIC (M)
MIC2589-1BM
MIC2589R-1BM
1
PWRGD1
PGTIMER
OFF
ON
CFILTER
CNLD
VEE
14 VDD
PWRGD3
PWRGD2
DRAIN
GATE
SENSE
NC
13
12
11
10
9
8
2
3
4
5
6
7
14-Pin SOIC (M)
MIC2595-1BM
MIC2595R-1BM
1
/PWRGD1
PGTIMER
UV
OV
CFILTER
CNLD
VEE
14 VDD
/PWRGD3
/PWRGD2
DRAIN
GATE
SENSE
NC
13
12
11
10
9
8
2
3
4
5
6
7
14-Pin SOIC (M)
MIC2589-2BM
MIC2589R-2BM
1
/PWRGD1
PGTIMER
OFF
ON
CFILTER
CNLD
VEE
14 VDD
/PWRGD3
/PWRGD2
DRAIN
GATE
SENSE
NC
13
12
11
10
9
8
2
3
4
5
6
7
14-Pin SOIC (M)
MIC2595-2BM
MIC2595R-2BM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com