Electronic Components Datasheet Search
  English  ▼

X  

MIC2589 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2589
Description  SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2589 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2589 Datasheet HTML 1Page - Micrel Semiconductor MIC2589 Datasheet HTML 2Page - Micrel Semiconductor MIC2589 Datasheet HTML 3Page - Micrel Semiconductor MIC2589 Datasheet HTML 4Page - Micrel Semiconductor MIC2589 Datasheet HTML 5Page - Micrel Semiconductor MIC2589 Datasheet HTML 6Page - Micrel Semiconductor MIC2589 Datasheet HTML 7Page - Micrel Semiconductor MIC2589 Datasheet HTML 8Page - Micrel Semiconductor MIC2589 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
March 2004
3
M9999-031504
MIC2589/2595
Micrel
Pin Description
Pin Number
Pin Name
Pin Function
PWRGD1
Power-Good Output 1: Asserted when the voltage on the DRAIN pin
(MIC25XX-1)
(V
DRAIN) is within VPGTH of VEE, indicating that the output voltage is within
Active-High
proper specifications. For the MIC2589-1 and MIC2985-1, PWRGD1 will be
1
high impedance when V
DRAIN is less than VPGTH, and will pull-down to
/PWRGD1
V
DRAIN when VDRAIN is greater than VPGTH. For the MIC2589-2 and
(MIC25XX-2)
MIC2595-2, /PWRGD1 will pull-down to V
DRAIN when VDRAIN is less than
Active-Low
V
PGTH, and will be high-impedance when VDRAIN is greater than VPGTH.
2
PGTIMER
A capacitor connected from this pin to VEE sets the time interval between
assertions of PWRGD2 (or /PWRGD2) and PWRGD3 (or /PWRGD3)
relative to PWRGD1 (or /PWRGD1). See the “Functional Description” for
further detail.
3
UV
MIC2589 and MIC2589R: Undervoltage Threshold Input. When the voltage
Threshold
at the UV pin is less than the V
UVL threshold, the GATE pin is immediately
pulled low by an internal 100
µA current pull-down. The UV pin is also used
to cycle the device off and on to reset the circuit breaker. Taken together,
the OV and UV pins form a window comparator which define the limits of
V
EE within which the load may safely be powered.
3
OFF
MIC2595 and MIC2595R: Turn-Off Threshold. When the voltage at the OFF
(Turn-Off Threshold)
pin is less than the V
OFFL threshold, the GATE pin is immediately pulled
low by an internal 100
µA current pull-down. The OFF pin is also used to cycle
the device off and on to reset the circuit breaker. Taken together, the ON
and OFF pins provide programmable hysteresis for the MIC2595 to be
enabled.
4
OV
MIC2589 and MIC2589R: Overvoltage Threshold Input. When the voltage
Threshold
at the OV pin is greater than the V
OVH threshold, the GATE pin is immediately
pulled low by an internal 100
µA current pull-down.
4
ON
MIC2595 and MIC2595R: Turn-On Threshold. At initial system power-up or
(Turn-On Threshold)
after the part has been shut off by the OFF pin, the voltage on the ON pin
must be above the V
ONH threshold in order for the MIC2595 to be enabled.
5
CFILTER
Current Limit Response Timer: A capacitor connected between this pin and
VEE provides filtering against nuisance tripping of the circuit breaker by
setting a time delay, t
FLT, for which an overcurrent event must last prior to
signaling a fault condition and latching the output off. The minimum time for
t
FLT will be the time it takes for the output (capacitance) to charge to VEE
during start-up. This pin is held to VEE with a 3
µA current pull-down when
no current limit condition exists. See the “Functional Description” for further
details.
6
CNLD
No-Load Detect Timer: A capacitor between this pin and VEE sets the
interval, t
NLD, for which the current through the external MOSFET can drop
below 10% of full-scale current limit before the circuit breaker is tripped.
Tying this pin to V
EE will disable this function. This pin is held to VEE by an
internal NMOS when there is no undercurrent condition.
7
VEE
Negative Supply Voltage Input.
8
NC
No Internal Connection.
9
SENSE
Circuit Breaker Sense Input: A resistor between this pin and VEE sets the
current limit trip point for the circuit. When the current limit threshold of IR =
50mV is exceeded for t
FLT, the circuit breaker is tripped and the GATE pin is
immediately pulled low. Toggling UV or OV will reset the circuit breaker. To
disable the circuit breaker, externally tie SENSE and VEE can be connected
together.
10
GATE
Gate Drive Output: Connects to the Gate of an N-Channel MOSFET.
11
DRAIN
Drain Sense Input: Connects to the Drain of an N-Channel MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com