Electronic Components Datasheet Search
  English  ▼

X  

PEWAD5019 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWAD5019
Description  WR-137 Waveguide Bulkhead Adapter CPR-137G Flange, 5.85 GHz to 8.2 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWAD5019 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWAD5019 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWAD5019 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWAD5019 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWAD5019 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical Performance Data
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
5.9
6.1
6.3
6.6
6.8
7.0
7.3
7.5
7.7
8.0
8.2
5.85GHz
VSWR
WR-137 Waveguide Bulkhead Adapter CPR-137G Flange, 5.85 GHz to 8.2 GHz from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-137 Waveguide Bulkhead Adapter CPR-137G Flange, 5.85 GHz to 8.2 GHz PEWAD5019
URL: https://www.pasternack.com/wr-137-waveguide-bulkhead-adapter-cpr-137g-8.2-ghz-pewad5019-p.aspx
PEWAD5019 REV 1.0
PEWAD5019
WR-137 Waveguide Bulkhead Adapter CPR-
137G Flange, 5.85 GHz to 8.2 GHz
Waveguide Bulkhead Adapters Technical Data



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com