Electronic Components Datasheet Search
  English  ▼

X  

PEWAD5019 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWAD5019
Description  WR-137 Waveguide Bulkhead Adapter CPR-137G Flange, 5.85 GHz to 8.2 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWAD5019 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWAD5019 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWAD5019 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWAD5019 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWAD5019 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• Bulkhead adapter for WR-137
• Grooved CPR-137G Flange
• C Band 5.85 to 8.2 GHz
• Mounted to panel with backing ring
• Neoprene Gasket
• Precision manufactured
• Painted Brass Construction
• Stainless steel screws included
Applications
• Test Instrumentation
• Sub-Assemblies
• Military and Space
• R&D labs
• Communications Systems
.
Description
The Pasternack PEWAD5019 is a WR-137 rectangular waveguide bulkhead adapters operating within the C Band frequency
range of 5.85 GHz to 8.2 GHz. The WR-137 bulkhead adapters are used for waveguide interface in panel mount equipment or
pressurized test chamber. A hole is made in the panel wall or bulkhead and the adapter is mounted to the panel with screws
and a backing ring that is complete with Neoprene gasket (both included). Once securely mounted, waveguides with a CPR-
137G Grooved flange can be attached to the adapter on both sides of the bulkhead feedthough to allow a signal path through
the panel. This Pasternack series of rectangular waveguide bulkhead feedthrough adapters are offered to cover frequency
range of 5.85 GHz to 50 GHz in 9 waveguide bands and are ready to ship same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
5.85
8.2
GHz
VSWR
1.03:1
.
Mechanical Specifications
Size
Length
4.25 in [107.95 mm]
Width/Dia.
4.75 in [120.65 mm]
.
Weight
2.255 lbs [1.02 Kg]
.
Description
Flange 1
Waveguide
Flange 2
Type
CPR-137G
WR-137
CPR-137G
Designation
None
None
Material
Brass
Brass
Brass
...
.
PEWAD5019 REV 1.0
PEWAD5019
WR-137 Waveguide Bulkhead Adapter CPR-
137G Flange, 5.85 GHz to 8.2 GHz
Waveguide Bulkhead Adapters Technical Data
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-137 Waveguide Bulkhead Adapter CPR-137G Flange, 5.85 GHz to 8.2 GHz PEWAD5019


Similar Part No. - PEWAD5019

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWAD5010 PASTERNACK-PEWAD5010 Datasheet
419Kb / 4P
WR-42 Waveguide Bulkhead Adapter UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
PEWAD5011 PASTERNACK-PEWAD5011 Datasheet
419Kb / 4P
WR-51 Waveguide Bulkhead Adapter Square Cover Flange, 15 GHz to 22 GHz
PEWAD5012 PASTERNACK-PEWAD5012 Datasheet
419Kb / 4P
WR-62 Waveguide Bulkhead Adapter UG-1665/U Square Cover Flange, 12.4 GHz to 18 GHz
PEWAD5013 PASTERNACK-PEWAD5013 Datasheet
438Kb / 4P
WR-75 Waveguide Bulkhead Adapter Square Cover Flange, 10 GHz to 15 GHz
PEWAD5014 PASTERNACK-PEWAD5014 Datasheet
419Kb / 4P
WR-90 Waveguide Bulkhead Adapter UG-39/U Square Cover Flange, 8.2 GHz to 12.4 GHz
More results

Similar Description - PEWAD5019

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W137B003 PASTERNACK-PE-W137B003 Datasheet
349Kb / 2P
WR-137 Waveguide E-Bend with CPR-137G Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137B004 PASTERNACK-PE-W137B004 Datasheet
317Kb / 2P
WR-137 Waveguide H-Bend with CPR-137G Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137TF006-12 PASTERNACK-PE-W137TF006-12 Datasheet
415Kb / 4P
WR-137 Flexible Waveguide Twist With a CPR-137G Flange Operating From 5.85 GHz to 8.2 GHz
PE-W137TF006-24 PASTERNACK-PE-W137TF006-24 Datasheet
414Kb / 4P
WR-137 Flexible Waveguide Twist With a CPR-137G Flange Operating From 5.85 GHz to 8.2 GHz
PE-W137TF006-36 PASTERNACK-PE-W137TF006-36 Datasheet
415Kb / 4P
WR-137 Flexible Waveguide Twist With a CPR-137G Flange Operating From 5.85 GHz to 8.2 GHz
PE-W137SF006-24 PASTERNACK-PE-W137SF006-24 Datasheet
414Kb / 4P
WR-137 Seamless Flexible Waveguide, CPR-137G Flange Operating From 5.85 GHz to 8.2 GHz
PEWCP1075 PASTERNACK-PEWCP1075 Datasheet
431Kb / 5P
WR-137 20 dB Waveguide Crossguide Coupler, CPR-137G Grooved Flange, 5.85 GHz to 8.2 GHz
PEWCP1076 PASTERNACK-PEWCP1076 Datasheet
431Kb / 5P
WR-137 30 dB Waveguide Crossguide Coupler, CPR-137G Grooved Flange, 5.85 GHz to 8.2 GHz
PEWCP1077 PASTERNACK-PEWCP1077 Datasheet
431Kb / 5P
WR-137 40 dB Waveguide Crossguide Coupler, CPR-137G Grooved Flange, 5.85 GHz to 8.2 GHz
PEWCP1078 PASTERNACK-PEWCP1078 Datasheet
431Kb / 5P
WR-137 50 dB Waveguide Crossguide Coupler, CPR-137G Grooved Flange, 5.85 GHz to 8.2 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com