Electronic Components Datasheet Search
  English  ▼

X  

MAX1321 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1321
Description  8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1321 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1321 Datasheet HTML 14Page - Maxim Integrated Products MAX1321 Datasheet HTML 15Page - Maxim Integrated Products MAX1321 Datasheet HTML 16Page - Maxim Integrated Products MAX1321 Datasheet HTML 17Page - Maxim Integrated Products MAX1321 Datasheet HTML 18Page - Maxim Integrated Products MAX1321 Datasheet HTML 19Page - Maxim Integrated Products MAX1321 Datasheet HTML 20Page - Maxim Integrated Products MAX1321 Datasheet HTML 21Page - Maxim Integrated Products MAX1321 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
18
______________________________________________________________________________________
Figure 6. Read During Conversion—Two Channels Selected, External Clock
CONVST
CLK
CH0
TRACK
HOLD
D0–D13
SAMPLE
tACQ
t19
t13
t12
tQUIET
t10
t3
t11
TRACK
CH1
EOC
RD
1
2
3
16
17
18
19
20
21
22
23
1
t16
t17
t18
Figure 7. Reading After Conversion—Eight Channels Selected, External Clock
CLK
D0–D13
CONVST
TRACK
HOLD
SAMPLE
tACQ
t19
t13
1
2
38
39
40
41
42
43
t17
t8
t10
t11
t3
t4
t9
t18
t16
t12
tQUIET
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
ONLY LAST PULSE SHOWN
EOC
RD
CS
EOLC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com