Electronic Components Datasheet Search
  English  ▼

X  

MAX1321 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1321
Description  8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1321 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1321 Datasheet HTML 1Page - Maxim Integrated Products MAX1321 Datasheet HTML 2Page - Maxim Integrated Products MAX1321 Datasheet HTML 3Page - Maxim Integrated Products MAX1321 Datasheet HTML 4Page - Maxim Integrated Products MAX1321 Datasheet HTML 5Page - Maxim Integrated Products MAX1321 Datasheet HTML 6Page - Maxim Integrated Products MAX1321 Datasheet HTML 7Page - Maxim Integrated Products MAX1321 Datasheet HTML 8Page - Maxim Integrated Products MAX1321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0V, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1µF, CREF+ =
CREF- = 0.1µF, CREF+-to-REF- = 2.2µF || 0.1µF, CCOM = 2.2µF || 0.1µF, CMSV = 2.2µF || 0.1µF (unipolar devices, MAX1316/
MAX1317/MAX1318), MSV = AGND (bipolar devices, MAX1320/MAX1321/MAX1322/MAX1324/MAX1325/MAX1326), fCLK = 10MHz,
50% duty cycle, INTCLK/EXTCLK = AGND (external clock), SHDN = DGND, TA = TMIN to TMAX, unless otherwise noted. Typical val-
ues are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VIN = +5V
0.54
0.72
MAX1316/MAX1317/MAX1318
VIN = 0V
-0.157
-0.12
VIN = +5V
0.29
0.39
MAX1320/MAX1321/MAX1322
VIN = -5V
-1.16
-0.87
VIN = +10V
0.56
0.74
Input Current (Note 4)
MAX1324/MAX1325/MAX1326
VIN = -10V
-1.13
-0.85
mA
MAX1316/MAX1317/MAX1318
7.58
MAX1320/MAX1321/MAX1322
8.66
Input Resistance (Note 4)
MAX1324/MAX1325/MAX1326
14.26
Ω
Input Capacitance
15
pF
TRACK/HOLD
One channel
526
Two channels
455
Four channels
357
External-Clock Throughput Rate
(Note 5)
Eight channels
250
ksps
One channel (INTCLK/EXTCLK = AVDD)
526
Two channels (INTCLK/EXTCLK = AVDD)
455
Four channels (INTCLK/EXTCLK = AVDD)
357
Internal-Clock Throughput Rate
(Note 5)
Eight channels (INTCLK/EXTCLK = AVDD)
250
ksps
Small-Signal Bandwidth
10
MHz
Full-Power Bandwidth
10
MHz
Aperture Delay
16
ns
Aperture Jitter
50
psRMS
Aperture-Delay Matching
100
ps
INTERNAL REFERENCE
REFMS Voltage
VREFMS
2.475
2.500
2.525
V
REF Voltage
VREF
2.475
2.500
2.525
V
REF Temperature Coefficient
30
ppm/
°C
EXTERNAL REFERENCE (REFMS AND REF EXTERNALLY DRIVEN)
Input Current
-250
+250
µA
REFMS Input Voltage Range
VREFMS
Unipolar devices
2.0
2.5
3.0
V
REF Voltage Input Range
VREF
2.0
2.5
3.0
V
REF Input Capacitance
15
pF
REFMS Input Capacitance
15
pF
DIGITAL INPUTS (D0–D7,
RD, WR, CS, CLK, SHDN, ALLON, CONVST)
Input-Voltage High
VIH
0.7 x
DVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com