Electronic Components Datasheet Search
  English  ▼

X  

RG142B-U Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # RG142B-U
Description  Flexible RG142 Coax Cable Double Shielded with Tan FEP Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG142B-U Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  RG142B-U Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG142B-U Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG142B-U Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Dielectric:
Type
PTFE
Diameter, in [mm]
0.116 [2.95]
Shield:
Number of
2
Material 1
Silver Plated Copper Braid
Material 2
Silver Plated Copper Braid
Diameter, in [mm]
0.156 [3.96]
Jacket:
Material
FEP
Diameter, in [mm]
0.195 [4.95]
Color
Tan
One Time Minimum Bend Radius, in [mm]
0.984 [24.99]
Repeated Minimum Bend Radius, in [mm]
2 [50.8]
Weight, lbs/ft [Kg/m]
0.046 [0.07]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/flexible-0.195-rg142-50-ohm-coax-cable-fep-jacket-rg142b-u-p.aspx
Flexible RG142 Coax Cable Double Shielded with Tan FEP Jacket from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Flexible RG142 Coax Cable Double Shielded with Tan FEP Jacket
RG142B/U
RG142B/U REV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com