Electronic Components Datasheet Search
  English  ▼

X  

RG142B-U Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # RG142B-U
Description  Flexible RG142 Coax Cable Double Shielded with Tan FEP Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG142B-U Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  RG142B-U Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG142B-U Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG142B-U Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Flexible RG142 Coax Cable Double Shielded with Tan FEP Jacket
Configuration
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Shield Materials
Silver Plated Copper Braid, Silver Plated Copper Braid
Jacket Material and Color
FEP, Tan
Electrical Specifications
Impedance, Ohms
50
Velocity of Propagation, %
69.2
Maximum Operating Frequency, GHz
8
RF Shielding, dB
90
Capacitance, pF/ft [pF/m]
29.4 [96.46]
Maximum Operating Voltage, Volts
1,900
Electrical Specifications by Frequency
Frequency 1
Frequency, MHz
100
Attenuation, dB/100ft [dB/100m]
3.9 [12.8]
Frequency 2
Frequency, MHz
1000
Attenuation, dB/100ft [dB/100m]
13 [42.65]
Frequency 3
Frequency, GHz
3
Attenuation, dB/100ft [dB/100m]
23.8 [78.08]
Frequency 4
Frequency, GHz
5
Attenuation, dB/100ft [dB/100m]
36 [118.11]
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +200
Inner Conductor
Number of Strands
1
Material
Copper Clad Steel
Plating
Silver
Diameter, in [mm]
0.037 [0.94]
Flexible RG142 Coax Cable Double Shielded with Tan FEP Jacket
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Flexible RG142 Coax Cable Double Shielded with Tan FEP Jacket RG142B/U
RG142B/U
RG142B/U REV


Similar Part No. - RG142B-U

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
RG142 QUALWAVE-RG142 Datasheet
428Kb / 2P
Flexible RF Cables & Assemblies
Rev 1.2
logo
Infinite Electronics In...
RG142-BULK FAIRVIEW-RG142-BULK Datasheet
551Kb / 3P
RG142 Flexible Coax Cable Tan FEP Jacket
REV 1.0A
More results

Similar Description - RG142B-U

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-P195 PASTERNACK-PE-P195 Datasheet
239Kb / 3P
Low Loss Flexible RG142 Type Coax Cable Triple Shielded with Tan FEP Jacket
RG179B-U PASTERNACK-RG179B-U Datasheet
273Kb / 3P
75 Ohm Flexible RG179 Coax Cable Single Shielded with Tan FEP Jacket
RG180B-U PASTERNACK-RG180B-U Datasheet
1Mb / 3P
95 Ohm Flexible RG180 Coax Cable Single Shielded with Tan FEP Jacket
RG302-U PASTERNACK-RG302-U Datasheet
1Mb / 3P
75 Ohm Flexible RG302 Coax Cable Single Shielded with Tan FEP Jacket
RG178B-U PASTERNACK-RG178B-U Datasheet
360Kb / 3P
Flexible RG178 Coax Cable Single Shielded with Tan FEP Jacket
RG303-U PASTERNACK-RG303-U Datasheet
1Mb / 3P
Flexible RG303 Coax Cable Single Shielded with Tan FEP Jacket
RG316-DS PASTERNACK-RG316-DS Datasheet
283Kb / 3P
Flexible RG316 Coax Cable Double Shielded with Tan FEP Jacket
RG316-U PASTERNACK-RG316-U Datasheet
382Kb / 4P
Flexible RG316 Coax Cable Single Shielded with Tan FEP Jacket
RG393-U PASTERNACK-RG393-U Datasheet
395Kb / 3P
Flexible RG393 Coax Cable Double Shielded with Tan FEP Jacket
RG400-U PASTERNACK-RG400-U Datasheet
281Kb / 3P
Flexible RG400 Coax Cable Double Shielded with Tan FEP Jacket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com