Electronic Components Datasheet Search
  English  ▼

X  

LTQ39G Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LTQ39G
Description  LTG6SP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTQ39G Datasheet(HTML) 1 Page - OSRAM GmbH

  LTQ39G Datasheet HTML 1Page - OSRAM GmbH LTQ39G Datasheet HTML 2Page - OSRAM GmbH LTQ39G Datasheet HTML 3Page - OSRAM GmbH LTQ39G Datasheet HTML 4Page - OSRAM GmbH LTQ39G Datasheet HTML 5Page - OSRAM GmbH LTQ39G Datasheet HTML 6Page - OSRAM GmbH LTQ39G Datasheet HTML 7Page - OSRAM GmbH LTQ39G Datasheet HTML 8Page - OSRAM GmbH LTQ39G Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LT Q39G
1 Version 1.5 | 2018-03-29
Produktdatenblatt | Version 1.1
www.osram-os.com
LT Q39G
CHIPLED® 0603
Applications
—
Electronic Equipment
—
Gaming, Amusement, Gambling
—
White Goods
Features:
—
Package: SMT package 0603, colorless diffused resin
—
Chip technology: InGaN on Sapphire
—
Typ. Radiation: 170° (horizontal), 130° (vertical)
—
Color: λ
dom = 530 nm (● true green)
—
Corrosion Robustness Class: 3B
—
ESD: 1 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)


Similar Part No. - LTQ39G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTQ39G OSRAM-LTQ39G Datasheet
1Mb / 20P
LCD Backlighting
LTQ39G-Q1OO-25-1 OSRAM-LTQ39G-Q1OO-25-1 Datasheet
1Mb / 20P
Pushbuttons and Switches
LTQ39G-Q1OO-25-1 OSRAM-LTQ39G-Q1OO-25-1 Datasheet
1Mb / 20P
LCD Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com