Electronic Components Datasheet Search
  English  ▼

X  

LTQ39G Datasheet(PDF) 18 Page - OSRAM GmbH

Part # LTQ39G
Description  LTG6SP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTQ39G Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button LTQ39G Datasheet HTML 14Page - OSRAM GmbH LTQ39G Datasheet HTML 15Page - OSRAM GmbH LTQ39G Datasheet HTML 16Page - OSRAM GmbH LTQ39G Datasheet HTML 17Page - OSRAM GmbH LTQ39G Datasheet HTML 18Page - OSRAM GmbH LTQ39G Datasheet HTML 19Page - OSRAM GmbH LTQ39G Datasheet HTML 20Page - OSRAM GmbH LTQ39G Datasheet HTML 21Page - OSRAM GmbH LTQ39G Datasheet HTML 22Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LT Q39G
18 Version 1.5 | 2018-03-29
Chip Technology:
1:
TSN
3:
standard InGaN
4:
AlGaAs
6:
standard InGalP
E:
ThinGaN & package with 8 kV
ESD stability
G:
NOTA, Powerflip, ThinGaN
´
Encapsulant Type / Lens Properties
1:
focusing lens (=20°)
7:
clear resin or white volume conversion
8:
white volume conversion
9:
clear resin
Wavelength
Emission Color
Color coordinates according
(λdom typ.)
CIE 1931/Emission color:
B:
470 nm
blue
W:
white
S:
633 nm
super red
T:
528 nm
true green
Y:
587 nm
yellow
A:
617 nm
amber
R/J: 625 nm
red
H:
645 nm
hyper-red
O:
606 nm
orange
G:
570 nm
green
L:
Light
emitting
diode
Package Type
Q:
CHIPLED 0603 / 0402
R:
CHIPLED 0805
N:
CHIPLED 1206 /
CHIPLED with lens
Lead / Package Properties
1:
footprint: 0603 / height: 0.6 mm
3:
footprint: 0603 / height: 0.35 mm
9:
standard
H:
footprint: 0402 / height: 0.35 mm
Type Designation System
L
B
Q
H
9
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com