Electronic Components Datasheet Search
  English  ▼

X  

NTE310 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE310
Description  Integrated Thyristor/Rectifier (ITR) TV Horizontal Deflection & Trace Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE310 Datasheet(HTML) 2 Page - NTE Electronics

  NTE310 Datasheet HTML 1Page - NTE Electronics NTE310 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d):
Maximum Gate Trigger Voltage (tvi = +25°C, VD = 6V, RA = 20Ω), VGT
2.0V
. . . . . . . . . . . . . . . . . . .
Minimum Gate Trigger Voltage (tvi = +100°C, VD = 6V, RA = 20Ω), VGT
0.1V
. . . . . . . . . . . . . . . . . . .
Maximum Gate Trigger Current (tvi = +25°C, VD = 6V, RA = 20Ω), IGT
50mA
. . . . . . . . . . . . . . . . . . .
Maximum Holding Current (tvi = +25°C, VD = 6V, RA = 20Ω), IH
100mA
. . . . . . . . . . . . . . . . . . . . . . . .
Maximum Latching Current (tvi = +25°C, VD = 6V, RGK ≥ 20Ω), IL
210mA
. . . . . . . . . . . . . . . . . . . . . .
(Pulse Generator Data: iG = 0.25A, diG/dt = 0.25A/µs, tg = 4µs)
Typical Capacitance, Anode–Cathode at Zero Voltage (tvi = +25°C, fo = 16kHz), Czero
250pF
. . . . .
Maximum Lag Charge (tvi = +100°C, iFM = 10A, –diF/dt = 10A/µs), QS
0.96
µAs
. . . . . . . . . . . . . . . . .
Maximum Forward Off–State and Reverse Current (tvi = +100°C, vD = 800V), iD, iR
1.5mA
. . . . . . .
Maximum Gate Controlled Delay Time (tvi = +25°C, VD = 536V, iTM = 5A), tgd
0.8
µs
. . . . . . . . . . . .
(Pulse Generator Data: iG = 0.25A, diG/dt = 0.5A/µs)
Maximum Pulse Turn–Off Time (tvi = +100°C), tqp
2.9
µs
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Typical Pulse Turn–Off Time (tvi = +80°C, fo = 16kHz), tqp
1.8
µs
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Turn–On Voltage Peak (tvi = +25°C, iFM = 1A, diF/dt = 5A/µs), uFRM
3V
. . . . . . . . . . . . . . .
Maximum Reverse Recovery Time (tvi = +25°C, iFM = 10A, –diF/dt = 10A/µs), trr
0.7
µs
. . . . . . . . . .
.485 (12.3)
Dia
.062 (1.57)
.295 (7.5)
.360
(9.14)
Min
.031 (0.78) Dia
.960 (24.3)
Gate
.580 (14.7)
.200
(5.08)
Cathode
Anode/Case
.145 (3.7) R Max
.147 (3.75) Dia
(2 Places)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com