Electronic Components Datasheet Search
  English  ▼

X  

PE45400 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45400
Description  2.92mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45400 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45400 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45400 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45400 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45400 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45400 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE45400 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
2
Electrical Specification Notes:
Actual VSWR performance is largely dependent on circuit board design. For optimal results, the connector and circuit
launch geometry should be modeled using Electromagnetic Simulation tools.
Mechanical Specifications
Size
Length
0.599 in [15.21 mm]
Width/Dia.
0.35 in [8.89 mm]
Height
0.321 in [8.15 mm]
.
.
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
ASTM B488
Insulation
PCTFE
Outer Conductor
Steel
Body
Brass
Nickel
AMS 2404B
.
Mechanical Specification Notes:
Launch Pin is Gold Plated Beryllium Copper
Environmental Specifications
Temperature
Operating Range
-55 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE45400 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB,
Removable End Launch, 0.35 Width PE45400
RF Connectors Technical Data Sheet
PE45400
2.92mm Female Connector Clamp/Solder (Captive Contact)
Attachment End Launch PCB, Removable End Launch, 0.35 Width



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com