Electronic Components Datasheet Search
  English  ▼

X  

PE45400 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45400
Description  2.92mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45400 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45400 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45400 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45400 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45400 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45400 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE45400 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
1
Configuration
• 2.92mm Female Connector
• Straight Body Geometry
• End Launch Interface Type
• Clamp/Solder (Captive Contact) Attachment
Features
• Max. Operating Frequency 40 GHz
• Excellent VSWR of 1.15:1
• Gold Plated Beryllium Copper Contact
• Contact plating according to ASTM B488
• Reusable end launch installation
• PCB Solder or Solderless Contact
• Narrow width of 0.35
Applications
• General Purpose Test
• PCB Applications
• Coplanar Waveguide Edge
Launches
• Signal Integrity Measurements
• Chip Evaluations
• SERDES
• 25 GbE
• Substrate Characterization
• Test Fixtures
.
Description
Pasternack’s PE45400 2.92mm removable end launch PCB connector is part of our full line of RF components available for
same-day shipping. Our 2.92mm solderless edge launch connector operates to a maximum frequency of 40 GHz and offers
an excellent VSWR of 1.15:1. The narrow 0.350 inch width connector body saves PCB real estate, supporting higher signal
counts for chip evaluations, signal integrity or millimeter wave applications.
Our 2.92mm solderless end launch PCB connector PE45400 datasheet specifications and drawing with dimensions are
shown below in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to
configure and customize their signal connections however they like. Whether the need is to provide superior signal integrity,
higher data rates or simply a test fixture, Pasternack has the right high speed PCB edge launch connections for you.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
40
GHz
VSWR
1.15:1
Insertion Loss
0.12
dB
Operating Voltage (AC)
650
Vrms
.
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 18
18 to 40
GHz
VSWR, Max
1.1:1
1.15:1
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB,
Removable End Launch, 0.35 Width PE45400
PE45400 REV 1.2
2.92mm Female Connector Clamp/Solder (Captive Contact)
Attachment End Launch PCB, Removable End Launch, 0.35 Width
RF Connectors Technical Data Sheet
PE45400


Similar Part No. - PE45400

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4540 PASTERNACK-PE4540 Datasheet
215Kb / 3P
SMA Female Hermetically Sealed Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE4540 PASTERNACK-PE4540 Datasheet
323Kb / 3P
SMA Female Hermetically Sealed Connector Solder Attachment
PE45401 PASTERNACK-PE45401 Datasheet
787Kb / 6P
2.4mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
PE45402 PASTERNACK-PE45402 Datasheet
776Kb / 6P
1.85mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
PE45403 PASTERNACK-PE45403 Datasheet
827Kb / 6P
1.0mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
More results

Similar Description - PE45400

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44206 PASTERNACK-PE44206 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.031 inch End Launch PCB
PE44482 PASTERNACK-PE44482 Datasheet
260Kb / 3P
SMP Male Connector Solder Attachment End Launch PCB
PE44616 PASTERNACK-PE44616 Datasheet
210Kb / 2P
BNC Female Connector Solder Attachment End Launch PCB
PE44619 PASTERNACK-PE44619 Datasheet
209Kb / 2P
75 Ohm BNC Female Connector Solder Attachment End Launch PCB
PE44661 PASTERNACK-PE44661 Datasheet
228Kb / 3P
MCX Jack Connector Solder Attachment End Launch PCB
PE44663 PASTERNACK-PE44663 Datasheet
674Kb / 3P
MMCX Plug Connector Solder Attachment End Launch PCB
PE44614 PASTERNACK-PE44614 Datasheet
234Kb / 2P
SMA Female Connector Solder Attachment 0.078 inch End Launch PCB
PE45401 PASTERNACK-PE45401 Datasheet
787Kb / 6P
2.4mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
PE45402 PASTERNACK-PE45402 Datasheet
776Kb / 6P
1.85mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
PE45403 PASTERNACK-PE45403 Datasheet
827Kb / 6P
1.0mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com