Electronic Components Datasheet Search
  English  ▼

X  

RSM28 Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # RSM28
Description  Panel Mount, Single Output, Non-Contact Angle Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RSM28 Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  RSM28 Datasheet HTML 1Page - TOCOSAMERICA, INC. RSM28 Datasheet HTML 2Page - TOCOSAMERICA, INC. RSM28 Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
1
Mechanical Characteristics
Mechanical Rotational Angle . . . . . . . . . . . . 360 (endless)
Rotational Torque . . . . ) 5mN • m( ) 51gf • cm, 0.708 oz • in)
Push Shaft Strength . . . . . . . . . . . . . . . ) 98N (static load in
vertical direction
Pull Shaft Strength . . . . . . . . . . . . . . . . ) 98N (static load in
vertical direction
IP Rating . . . . . . . . . . . . . . . . . . . . . . . . . IP50, IP65 (Option)
Environmental Characteristics
Operating Temperature Range . . . . . . .
40 Cto
125 C
Storage Temperature Range . . . . . . . . .
40 C to
125 C
Rotational Life . . . . . . . . . . . . . . . . . . . . . . 50 million cycles
Temperature Cycle . . . . . . . .
40 C O
125 C, 100 cycles
Low Temperature Exposure . . . . . . . .
40 C, 1,000 hours
High Temperature Exposure . . . . . . . .
125 C, 1,000 hours
Vibration . . . . . . . . . . . . . . . . 10-2,000Hz, 1.5mm amplitude,
25G, 12 hours
Shock . . . . . . . . . . . . . . . . . . . . . . . . . . 100 G, 3ms, 18 times
Electromagnetic Susceptibility . . . . . . . . . . . . . . 200 V/m,
1MHz to 1GHz
Electrostatic Discharge . . . . . . . .
8kV contact discharge,
15kV air discharge,
IEC-61000-4-2
RSM28 Series
Panel Mount, Single Output, Non-Contact Angle Sensors
TOCOS®
SENSORS
Features
Long life of 50 million cycles
Reliable, durable magnetic circuit, Hall IC technology
Ø
28mm panel mount, single output, non -contacting
angle sensors
360 (endless) rotational angle
0.08W power rating
Clamp voltage range of 0.4V to 4.6V
Low impedance allows low load resistance
No sliding electrical contacts, no dither input
Detection of disconnection and failure in the diagnostic
domain at the upper and lower ends of output
Waterproofing available as an option
Optional built-in magnet shield to reduce interference
from external magnetic field and to isolate sensors from
magnetic noise found in nearby motors
Customizable detection angle and gradient polarity
available as an option
RoHS compliant
Washer and hexagonal nut mounting hardware included
Applications
Electric vehicles, i.e. pedal and steering positions, a variety
of undercarriage electronically controlled devices
Construction /Agricultural machinery, i.e. angle detection
of rotating parts
Medical equipment, i.e. electric wheelchairs, precision
positioning equipment for patient diagnosis or surgery
Other applications requiring magnetically operated angle
detection, high reliability and very long life
Electrical Characteristics
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
0.5V
Current Consumption . . . . . . . . . . . . . ) 16mA without load
Power Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.08W
Electrical Rotational Angle . . . . . . . . . . . . . . . . 20 to 360
Linearity . . . . . . . . . . . . . . . . . . . . . . . . . . . . ) 1% Full Scale
Output Voltage . . . . . . . . . . . . . . 0.4V to 4.6V at Vdd = 5.0V
Minimum Clamp Voltage . . . . . . . . . . . . 0.4V at Vdd = 5.0V
Maximum Clamp Voltage . . . . . . . . . . . 4.6V at Vdd = 5.0V
Load Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 kΩ
Maximum Rated Voltage . . . . . . . . . . . . . . . . . . . . . . . . 12 V
Maximum Reverse Voltage . . . . . . . . . . . . . . . . . . . . . 0.3 V
Hysteresis . . . . . . . . . . . . . . . . . . . . . . . . . ) 0.2% Full Scale
Resolution . . . . . . . . . . . . . . . . . . . . . 1.25 mV at Vdd = 5.0V
Marking
Manufacturing Date
4-Digit Code
4 = Last Digit of the Year (one digit)
1 = Month (one digit or letter):
1 – 9 Jan to Sep
X = Oct
Y = Nov
Z = Dec
06 Day of the Month (two digits)
4106
Rear View


Similar Part No. - RSM28

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RSM2-20-SG-SMT ADAM-TECH-RSM2-20-SG-SMT Datasheet
103Kb / 1P
.100 RECEPTACLE STRIPS
RSM2-XX-G-HT ADAM-TECH-RSM2-XX-G-HT Datasheet
81Kb / 1P
SINGLE ROW ELEVATED RECEPTACLE HEIGHT
RSM2-XX-G-SMT ADAM-TECH-RSM2-XX-G-SMT Datasheet
101Kb / 1P
DUAL ROW FEMALE HEADER
RSM2-XX-G-SMT-TR ADAM-TECH-RSM2-XX-G-SMT-TR Datasheet
79Kb / 1P
DUAL ROW FEMALE HEADER
RSM2-XX-SG-SMT-10-P-PP-TR ADAM-TECH-RSM2-XX-SG-SMT-10-P-PP-TR Datasheet
89Kb / 1P
DUAL ROW FEMALE HEADER
More results

Similar Description - RSM28

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
Non contact Switches
FRS1 ALLEN-BRADLEY-FRS1 Datasheet
90Kb / 4P
Non contact Switches
440N-S32013 ALLEN-BRADLEY-440N-S32013 Datasheet
95Kb / 4P
Non contact Switches
440N-C02068 ALLEN-BRADLEY-440N-C02068 Datasheet
126Kb / 4P
Non contact Switches
logo
TOCOSAMERICA, INC.
RSC24 TOCOS-RSC24 Datasheet
541Kb / 2P
NON-CONTACT ANGLE SENSOR
RSM12C TOCOS-RSM12C Datasheet
270Kb / 1P
Compact Non-contact angle sensor
RSM011 TOCOS-RSM011 Datasheet
407Kb / 5P
Low Profile, Single Output, Non-Contact Angle/Position Sensors
RSM012 TOCOS-RSM012 Datasheet
418Kb / 5P
Low Profile, Dual Output, Non-Contact Angle/Position Sensors
RSM134 TOCOS-RSM134 Datasheet
341Kb / 5P
Single Output, Non-Contact Angle/Position Sensors
logo
ZF Friedrichshafen AG
AN8 ZFSWITCHES-AN8 Datasheet
371Kb / 2P
Programmable, non-contact magnetic position sensors capable of continuous rotation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com