Electronic Components Datasheet Search
  English  ▼

X  

RSM28 Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # RSM28
Description  Panel Mount, Single Output, Non-Contact Angle Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RSM28 Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  RSM28 Datasheet HTML 1Page - TOCOSAMERICA, INC. RSM28 Datasheet HTML 2Page - TOCOSAMERICA, INC. RSM28 Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
2
Dimensions
Unit: mm
RSM28 Series
Mounting Hardware
Electrical Schematic
Flat Washer and Hexagonal Nut
Unit: mm
Flat Washer
Material: Cold Rolled Steel,
Ni Plating
Hexagonal Nut
Material: Carbon Steel Wire
Rods for Cold Heading,
Trivalent Chromate Plating
2
14
0.5
Ø
16
Ø
12
Evaluation Circuit
5VDC (Red)
5VDC
GND (Black)
V
Output (White)
0.1µF
10k
10k
Dimensional Drawings and Tolerances
Wire diameter: Ø
1.7
2
0.15
5 2
Tinned-Pb free
4.5
Ø
2.8
M12-P1.0
*Including
adhesive
Output (White)
Anti-Rotation Pin
Bushing
Vdd (Red)
GND (Black)
Shaft: Ø 6
0
0.1
0
0.15
0
0.15
12
0.15
Ø
28.3 Max.
100 10
*21
1
0.5
10
10.8
8.5
(Teflon Coated)
12 0.15
Ø
3.5
0.1
Ø
12.1 0.1
Recommended
Panel Mounting Holes
Tolerance:
0.5 (unless otherwise specified)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com