Electronic Components Datasheet Search
  English  ▼

X  

CS1615 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS1615
Description  Single Stage Dimmable Offline AC/DCController for LED Lamps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1615 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS1615 Datasheet HTML 2Page - Cirrus Logic CS1615 Datasheet HTML 3Page - Cirrus Logic CS1615 Datasheet HTML 4Page - Cirrus Logic CS1615 Datasheet HTML 5Page - Cirrus Logic CS1615 Datasheet HTML 6Page - Cirrus Logic CS1615 Datasheet HTML 7Page - Cirrus Logic CS1615 Datasheet HTML 8Page - Cirrus Logic CS1615 Datasheet HTML 9Page - Cirrus Logic CS1615 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CS1615/16
6
DS961PP5
3.2 Thermal Resistance
3.3 Absolute Maximum Ratings
Characteristics conditions:
All voltages are measured with respect to GND.
Note:
8.
Long-term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation at
the rate of 50 mW /°C for variation over temperature.
WARNING:
Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Symbol
Parameter
SOIC
TSSOP
Unit
JA
Junction-to-Ambient Thermal Impedance
2 Layer PCB
4 Layer PCB
119
105
138
103
°C/W
°C/W
JC
Junction-to-Case Thermal Impedance
2 Layer PCB
4 Layer PCB
50
44
44
28
°C/W
°C/W
Pin
Symbol
Parameter
Value
Unit
14
VDD
IC Supply Voltage
18.5
V
1,2,8,9,
10,11,16
Analog Input Maximum Voltage
-0.5 to (VDD+0.5)
V
1,2,8,9,
10,11,16
Analog Input Maximum Current
5
mA
13
VGD
Gate Drive Output Voltage
-0.3 to (VDD+0.3)
V
13
IGD
Gate Drive Output Current
-1.0 / +0.5
A
5ISOURCE Current into Pin
1.1
A
3ICLAMP Clamp Output Current
15
mA
-PD
Total Power Dissipation
400
mW
-TJ
Junction Temperature Operating Range
(Note 8)
-40 to +125
°C
-TStg
Storage Temperature Range
-65 to +150
°C
All Pins
ESD
Electrostatic Discharge Capability
Human Body Model
Charged Device Model
2000
500
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com