Electronic Components Datasheet Search
  English  ▼

X  

CS1615 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS1615
Description  Single Stage Dimmable Offline AC/DCController for LED Lamps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1615 Datasheet(HTML) 1 Page - Cirrus Logic

  CS1615 Datasheet HTML 1Page - Cirrus Logic CS1615 Datasheet HTML 2Page - Cirrus Logic CS1615 Datasheet HTML 3Page - Cirrus Logic CS1615 Datasheet HTML 4Page - Cirrus Logic CS1615 Datasheet HTML 5Page - Cirrus Logic CS1615 Datasheet HTML 6Page - Cirrus Logic CS1615 Datasheet HTML 7Page - Cirrus Logic CS1615 Datasheet HTML 8Page - Cirrus Logic CS1615 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Preliminary Product Information This document contains information for a product under development.
Cirrus Logic reserves the right to modify this product without notice.
Copyright
 Cirrus Logic, Inc. 2013
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
CS1615
CS1616
Single Stage Dimmable Offline AC/DC
Controller for LED Lamps
Features
• Best-in-class Dimmer Compatibility
- Leading-edge (TRIAC) Dimmers
- Trailing-edge Dimmers
- Digital Dimmers (Dimmers with an Integrated Power
Supply)
• Flicker-free Dimming
• 0% to 100% Smooth Dimming
• Primary-side Regulation (PSR)
• Active Power Factor Correction (PFC)
- >0.9 Power Factor
• Constant-current Output
- Flyback
- Buck-boost
• Tight LED Current Regulation: Better than ±5%
• Low THD: Less Than 20%
• Up to 90% Efficiency
• Fast Startup
• IEC61000-3-2 Compliant
• Meets NEMA SSL 6 Dimming Standard
- Closely Matches Incandescent S-curve
• Protection Features
- Output Open Circuit
- Output Short Circuit
- External Overtemperature Using NTC
Overview
The CS1615 and CS1616 are high-performance single
stage dimmable offline AC/DC controllers. The CS1615/16
is a cost-effective solution that provides unmatched single-
and multi-lamp dimmer-compatibility performance for
dimmable LED applications. The CS1615 is designed for
120VAC line voltage applications, and the CS1616 is
designed for 230VAC line voltage applications.
Across a broad range of dimmers, the CS1615/16 provides
smooth flicker free dimming, and consistently dims to
nearly zero light output, which closely matches the dimming
performance of incandescent light bulbs. Cirrus Logic’s
patent pending approach to dimmer compatibility provides
full functionality on a wide range of dimmers, including
leading-edge, trailing-edge, and digital dimmers.
Applications
• Retro-fit LED Lamps
• External LED Drivers
• LED Luminaries
• Commercial Lighting
Ordering Information
See page 14.
AC
Mains
BR1
BR1
BR1
BR1
CS1615/16
FBAUX
GND
IAC
R3
T1
C7
GD
LED+
VDD
SOURCE
eOTP
NTC
5
16
13
10
14
RS
D2
LED-
D4
R2
D1
Q1
Z1
FBSENSE
D3
R6
C6
Q3
RSense
11
2
12
SGND
4
CTRL1 CTRL2
RCTRL1 R
CTRL2
89
C1
C2
C5
C4
C3
D5
R7
C8
R8
Vrect
L1
VAUX
Q2
VAUX
R4
R5
R1
APR’13
DS961PP5


Similar Part No. - CS1615

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS1615 APEX-CS1615 Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DC Controller for LED Lamps
CS1615-FSZ APEX-CS1615-FSZ Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DC Controller for LED Lamps
CS1615-FSZR APEX-CS1615-FSZR Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DC Controller for LED Lamps
CS1615-FZZ APEX-CS1615-FZZ Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DC Controller for LED Lamps
CS1615-FZZR APEX-CS1615-FZZR Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DC Controller for LED Lamps
More results

Similar Description - CS1615

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
logo
Maxim Integrated Produc...
MAX16841 MAXIM-MAX16841 Datasheet
1Mb / 18P
Controller IC for Dimmable Offline LED Lamps
Rev 0; 10/11
MAX16841 MAXIM-MAX16841_13 Datasheet
1Mb / 18P
Controller IC for Dimmable Offline LED Lamps
Rev 1; 6/13
logo
Cirrus Logic
CS1615 APEX-CS1615 Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DC Controller for LED Lamps
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
TRIAC Dimmable Offline LED Driver
logo
Diodes Incorporated
AL1663 DIODES-AL1663 Datasheet
436Kb / 15P
SINGLE STAGE DIMMABLE LED CONTROLLER
Rev 1
logo
Dialog Semiconductor
IW3659 DIALOG-IW3659 Datasheet
317Kb / 6P
Single-Stage SSL LED Driver for Dimmable Retrofit Lamps up to 25W
IW3688 DIALOG-IW3688 Datasheet
384Kb / 6P
AC/DC Advanced Digital Power Controller for Single-Stage Dimmable LED Drivers
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com