Electronic Components Datasheet Search
  English  ▼

X  

GSP075Q Datasheet(PDF) 2 Page - StarHope

Part # GSP075Q
Description  Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

GSP075Q Datasheet(HTML) 2 Page - StarHope

  GSP075Q Datasheet HTML 1Page - StarHope GSP075Q Datasheet HTML 2Page - StarHope GSP075Q Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 2 of 3
Initial Characteristics
Test Item
DC-Spark-Over Voltage
Vs
Insulation
Resistance
Capacitance C(pF)
Add and measure the DC Voltage gradually
Maxto get the discharge threshold voltage.
The measuring current is 1mA/1 second max.
1sec
.(1mA)
(
)
Measure the insulation resistance of two end of
leadwire under the specified DC voltage.
Electrostatic Capacitance under the test condition
of 1KHz,DC 6V(max).
Test Method
Specification
It depands on each spec.
1GΩ min.
1.0pF max.
Surge Characteristics
Test Item
Surge withstand capability
Surge life test
In the glass tube ends in 8/20 us surge tester, applying the model that
corresponds to the impact resistance current, time interval for the
60 s of plus or minus the test 5 times. Test the dc voltage,
insulation resistance, static capacitance and check the appearance.
Apply 10KV voltage charged in 1500pF condenser and
apply the current to the specimen,200 times at 10
seconds of intervals.
Test Method
Specification
DC spark-over voltage
JSE:
Vs/Vs
30%
△≦
Within standard mentioned in
Initial Characteristics.
Dimensions
REV 2018 02 29
GDT/GSP***Q Series
Dimensions in millimeters
Φ60 2
±.
4.4 0 3
±.
4.4 0 3
±.
Φ.
08 0 1
±.
8.1±0.3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com