Electronic Components Datasheet Search
  English  ▼

X  

APL5883 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5883
Description  300MA LAW DROPOUT LINEAR REGULATOR OF ADJUSTABLE AND FIXED 2.85V, 3.3V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5883 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5883 Datasheet HTML 1Page - Anpec Electronics Coropration APL5883 Datasheet HTML 2Page - Anpec Electronics Coropration APL5883 Datasheet HTML 3Page - Anpec Electronics Coropration APL5883 Datasheet HTML 4Page - Anpec Electronics Coropration APL5883 Datasheet HTML 5Page - Anpec Electronics Coropration APL5883 Datasheet HTML 6Page - Anpec Electronics Coropration APL5883 Datasheet HTML 7Page - Anpec Electronics Coropration APL5883 Datasheet HTML 8Page - Anpec Electronics Coropration APL5883 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
APL5883
Copyright  ANPEC Electronics Corp.
Rev. B.2 - Apr., 2003
www.anpec.com.tw
2
V OUT
Thermal
Shutdown
V IN
GND
Current
Limit
V REF
+
-
Block Diagram
Absolute Maximum Ratings
Electrical Characteristics (T
A=25°C, unless otherwise noted)
Symbol
Parameter
Rating
Unit
V
IN
Input Voltage
9
V
I
OUT
Output Current
300
mA
T
A
Operating Ambient Temperature Range
0 to 70
°C
T
J
Operating Ambient Temperature Range
-40 to +150
°C
T
STG
Storage Temperature Range
-65 to +150
°C
P
D
Power Dissipation Package
Internal Limited
SOT-89
180
°C / W
θ
JA
Thermal Resistance
TO- 92
1 80
APL5883
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
V
REF
Reference Voltage
1.5V
≤(V
IN -V OU T ) ≤ 7. 75 V
10 mA
≤I
OU T ≤3 0 0 mA ,
T
J =0 ~1 25 ° C
1.225
1.250
1.275
V
V
IN
Input Voltage
V
OUT+1.3V
9V
V
OUT
Output Voltage
I
OUT=10mA
0.98 V
OUT
1.02 V
OUT
V
I
OUT
Output Current
Capability
V
OUT=3.3V , ∆VOUT=2%
300
mA
I
SC
Short Circuit Current
V
OUT<0.4V
500
mA
I
Q
Quiescent Current
V
IN=5V , No Load
6
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com