Electronic Components Datasheet Search
  English  ▼

X  

APL5883 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5883
Description  300MA LAW DROPOUT LINEAR REGULATOR OF ADJUSTABLE AND FIXED 2.85V, 3.3V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5883 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5883 Datasheet HTML 1Page - Anpec Electronics Coropration APL5883 Datasheet HTML 2Page - Anpec Electronics Coropration APL5883 Datasheet HTML 3Page - Anpec Electronics Coropration APL5883 Datasheet HTML 4Page - Anpec Electronics Coropration APL5883 Datasheet HTML 5Page - Anpec Electronics Coropration APL5883 Datasheet HTML 6Page - Anpec Electronics Coropration APL5883 Datasheet HTML 7Page - Anpec Electronics Coropration APL5883 Datasheet HTML 8Page - Anpec Electronics Coropration APL5883 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
APL5883
Copyright  ANPEC Electronics Corp.
Rev. B.2 - Apr., 2003
www.anpec.com.tw
4
Typical Characteristics
Line Transient Response
Time (ns)
Output Voltage vs. Input Voltage
Line Transient Response
-200
200
600
1000
1400
1800
-10
-5
0
5
10
15
20
25
30
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
V
IN
V
OUT
(C
L=10µF, VIN=5V)
Time (ns)
0
1
2
3
4
5
6
-5
0
5
10
15
20
25
V
IN
V
OUT
0 10 20 30 40 5060 7080 90 100
(C
L=1µF, IOUT=1mA)
Time (ns)
-10
0
10
20
0
1
2
3
4
5
6
0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 100
V
IN
V
OUT
(C
L=10µF, IOUT=10mA)
Input Voltage (V)
0.5
1.5
2.5
3.5
1mA
10mA
300mA
50mA
3
2
2.5
3.5
4
4.5
5
1
2
3
Load Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com