Electronic Components Datasheet Search
  English  ▼

X  

AS1703-T Datasheet(PDF) 1 Page - ams AG

Part # AS1703-T
Description  1.6W Single-Channel Audio Power Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1703-T Datasheet(HTML) 1 Page - ams AG

  AS1703-T Datasheet HTML 1Page - ams AG AS1703-T Datasheet HTML 2Page - ams AG AS1703-T Datasheet HTML 3Page - ams AG AS1703-T Datasheet HTML 4Page - ams AG AS1703-T Datasheet HTML 5Page - ams AG AS1703-T Datasheet HTML 6Page - ams AG AS1703-T Datasheet HTML 7Page - ams AG AS1703-T Datasheet HTML 8Page - ams AG AS1703-T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AS1702, AS1703, AS1704, AS1705
1.6W Single-Channel Audio Power Amplifiers
austriamicrosystems
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.01
1 - 13
1 General Description
The AS1702, AS1703, AS1704, and AS1705 are single-
channel differential audio power-amplifiers designed to
drive 4 and 8
Ω loads. The integrated gain circuitry of
these amplifiers and their small size make them ideal for
2.7- to 5V-powered portable audio devices.
The differential input design improves noise rejection
and provides common-mode rejection. A bridge-tied
load (BTL) design minimizes external component count,
while providing Hi-Fi audio power amplification.
The devices deliver 1.6W continuous average power per
channel to a 4
Ω load with less than 1% total harmonic
distortion (plus noise), while operating from a single 2.7
to 5V supply.
In order to facilitate reduced component designs, the
devices are available with different gain levels:
!
AS1702 – Adjustable Gain (via external components)
!
AS1703 – AV = 0dB
!
AS1704 – AV = 3dB
!
AS1705 – AV = 6dB
Integrated shutdown circuitry disables the bias genera-
tor and amplifiers, and reduces quiescent current con-
sumption to less than 100nA. The shutdown input can
be set as active-high or active-low. All devices contain
comprehensive click-and-pop suppression circuitry that
reduces audible clicks and pops during power-up and
shutdown.
The AS1702, AS1703, AS1704, and AS1705 are pin
compatible with the LM4895 and the MAX9718A/B/C/D.
The devices are available in a 10-pin MSOP package.
Figure 1. Simplified Block Diagram
2 Key Features
!
2.7 to 5.5V (VCC) Single-Supply Operation
!
THD+N: 1.6W into 4
Ω at 1% (per Channel)
!
Differential Input
!
Adjustable Gain Option (AS1702)
!
Internal Fixed Gain to Reduce External Component
Count (AS1703, AS1704, AS1705)
!
<100nA Low-Power Shutdown Mode
!
Click and Pop Suppression
!
Pin-Compatible National Semiconductor LM4895
(AS1705) and Maxim MAX9718A/B/C/D
!
Operating Temperature Range: -40 to +85°C
!
Low-Cost MSOP-10 Package
3 Applications
The devices are ideal as audio front-ends for battery
powered audio devices such as MP3 and CD players,
mobile phones, PDAs, portable DVD players, and any
other hand-held battery-powered device.
AS1702, AS1703,
AS1704, AS1705
OUT+
Single Supply
2.7 to 5.5V
SHDN
IN+
IN-
OUT-
SHDM
RL =
4 or 8
Ω
+
–
GND


Similar Part No. - AS1703-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1703-T AMSCO-AS1703-T Datasheet
439Kb / 20P
1.8W Single-Channel Audio Power Amplifiers
More results

Similar Description - AS1703-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7231A STMICROELECTRONICS-TDA7231A Datasheet
67Kb / 5P
1.6W AUDIO AMPLIFIER
Mar-1995
TDA7235 STMICROELECTRONICS-TDA7235 Datasheet
41Kb / 5P
1.6W AUDIO AMPLIFIER
May-1997
logo
Hitachi Semiconductor
HA1377 HITACHI-HA1377 Datasheet
268Kb / 4P
Dual 5.8W Audio Power Amplifiers
logo
ams AG
AS1701 AMSCO-AS1701 Datasheet
168Kb / 2P
1.6W Audio Power Amplifiers
logo
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003_08 Datasheet
287Kb / 9P
Amplifier, Power, 1.6W,7.7.11.7 GHz
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
logo
ams AG
AS1701 AMSCO-AS1701_1 Datasheet
466Kb / 17P
1.6W Audio Power Amplifiers
AS1702 AMSCO-AS1702_1 Datasheet
439Kb / 20P
1.8W Single-Channel Audio Power Amplifiers
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
logo
NEC
UPC1181H NEC-UPC1181H Datasheet
58Kb / 1P
Audio Power Amplifiers (Continued)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com