Electronic Components Datasheet Search
  English  ▼

X  

AS1703-T Datasheet(PDF) 5 Page - ams AG

Part # AS1703-T
Description  1.6W Single-Channel Audio Power Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1703-T Datasheet(HTML) 5 Page - ams AG

  AS1703-T Datasheet HTML 1Page - ams AG AS1703-T Datasheet HTML 2Page - ams AG AS1703-T Datasheet HTML 3Page - ams AG AS1703-T Datasheet HTML 4Page - ams AG AS1703-T Datasheet HTML 5Page - ams AG AS1703-T Datasheet HTML 6Page - ams AG AS1703-T Datasheet HTML 7Page - ams AG AS1703-T Datasheet HTML 8Page - ams AG AS1703-T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.austriamicrosystems.com
Revision 1.01
5 - 13
AS1702, AS1703, AS1704, AS1705
austriamicrosystems
Data Sheet
Bias
6 Detailed Description
The AS1702, AS1703, AS1704, and AS1705 are 1.6W high output-current audio amplifiers (configured as BTL ampli-
fiers), and contain integrated low-power shutdown and click- and pop-suppression circuitry. Two inputs (SHDM and
SHDN) allow shutdown mode to be configured as active-high or active-low (see Section 6.2 Shutdown Mode on
page 5).
Each device has either adjustable or fixed gains (0dB, 3dB, 6dB) (see Section 9 Ordering Information on page 12).
6.1 Bias
The devices operate from a single 2.7 to 5.5V supply and contain an internally generated, common-mode bias voltage
of:
VCC/2
(EQ 1)
referenced to ground. Bias provides click-and-pop suppression and sets the DC bias level for the audio outputs. Select
the value of the bias bypass capacitor as described in Section 7.4.3 BIAS Capacitor on page 9.
Note: Do not connect external loads to BIAS as this can adversely affect overall device performance.
6.2 Shutdown Mode
All devices implement a 100nA, low-power shutdown circuit which reduces quiescent current consumption. As shut-
down mode commences, the bias circuitry is automatically disabled, the device outputs go high impedance, and bias is
driven to GND.
The SHDM input controls the polarity of SHDN:
!
Drive SHDM high for an active-low SHDN input.
!
Drive SHDM low for an active-high SHDN input.
6.3 Click-and-Pop Suppression
During power-up, the device common-mode bias voltage (VBIAS (page 3)) ramps to the DC bias point. When entering
shutdown, the device outputs are driven high impedance to 100k
Ω between both outputs minimizing the energy
present in the audio band, thus preventing clicks and pops.
Table 4. Shutdown Mode Selection Configurations
SHDM
SHDN
Mode
0
0
Shutdown Mode Enabled
0
1
Normal Operation Enabled
1
0
Normal Operation Enabled
1
1
Shutdown Mode Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com