Electronic Components Datasheet Search
  English  ▼

X  

LM2788 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2788
Description  120mA High Efficiency Step-Down Switched Capacitor Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2788 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2788 Datasheet HTML 1Page - National Semiconductor (TI) LM2788 Datasheet HTML 2Page - National Semiconductor (TI) LM2788 Datasheet HTML 3Page - National Semiconductor (TI) LM2788 Datasheet HTML 4Page - National Semiconductor (TI) LM2788 Datasheet HTML 5Page - National Semiconductor (TI) LM2788 Datasheet HTML 6Page - National Semiconductor (TI) LM2788 Datasheet HTML 7Page - National Semiconductor (TI) LM2788 Datasheet HTML 8Page - National Semiconductor (TI) LM2788 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Connection Diagram
LM2788
Mini SO-8 (MSOP-8) Package
NS Package #: MUA08A
20044402
Top View
Pin Description
Pin
Name
Description
1V
OUT
Regulated Output Voltage
2
C1-
First Flying Capacitor: Negative Terminal
3
C1+
First Flying Capicitor: Positive terminal
4V
IN
Input voltage. Recommended V
IN Range: 2.6V to 5.5V
5
EN
Enable. Logic Input. High voltage = ON, Low voltage = SHUTDOWN
6
C2+
Second Flying-Capacitor: Positive Terminal
7
GND
Ground Connection
8
C2-
Second Flying Capacitor: Negative Terminal
Ordering Information
Output
Voltage
Ordering
Information
Package Type
Package Marking
Supplied as
1.50V
LM2788MM-1.5
MSOP-8
S30B
1000 units on Tape-and Reel
LM2788MMX-1.5
S30B
3500 units onTape-and-Reel
1.80V
LM2788MM-1.8
S23B
1000 units on Tape-and Reel
LM2788MMX-1.8
S23B
3500 units on Tape-and Reel
2.00V
LM2788MM-2.0
S24B
1000 units on Tape-and Reel
LM2788MMX-2.0
S24B
3500 units on Tape-and Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com