Electronic Components Datasheet Search
  English  ▼

X  

LM2788 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2788
Description  120mA High Efficiency Step-Down Switched Capacitor Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2788 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2788 Datasheet HTML 1Page - National Semiconductor (TI) LM2788 Datasheet HTML 2Page - National Semiconductor (TI) LM2788 Datasheet HTML 3Page - National Semiconductor (TI) LM2788 Datasheet HTML 4Page - National Semiconductor (TI) LM2788 Datasheet HTML 5Page - National Semiconductor (TI) LM2788 Datasheet HTML 6Page - National Semiconductor (TI) LM2788 Datasheet HTML 7Page - National Semiconductor (TI) LM2788 Datasheet HTML 8Page - National Semiconductor (TI) LM2788 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical Characteristics
(Notes 2, 8) Limits in standard typeface and typical values apply for T
J =25
oC.
Limits in boldface type apply over the operating junction temperature range. Unless otherwise specified: 2.6
≤ V
IN
≤ 5.5V,
V(EN) = V
IN,C1 =C2 = 1µF, CIN =COUT = 10µF. (Note 9)
(Continued)
Note 4: Thermal shutdown circuitry protects the device from permanent damage.
Note 5: The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged
directly into each pin.
Note 6: Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125
oC), the maximum power
dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: TA-MAX =TJ-MAX-OP -(θJA xPD-MAX). The ambient temperature operating rating is provided merely for convenience. This part may be operated
outside the listed TA rating, so long as the junction temperature of the device does not exceed the maximum operating rating of 125
oC.
Note 7: Junction-to-ambient thermal resistance is a highly application and board-layout dependent. In applications where high maximum power dissipation exists,
special care must be paid to thermal dissipation issues. Fore more information on these topics, please refer to the Power Dissipation section of this datasheet.
Note 8: All room temperature limits are 100% tested or guaranteed through statistical analysis. All limits at temperature extremes are guaranteed by correlation
using standard Statistical Quality Control methods (SQC). All limits are used to calculate Average Outgoing Quality Level (AOQL). Typical numbers are not
guaranteed, but do represent the most likely norm.
Note 9: CFLY,CIN, and COUT : Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics
Note 10: Nominal output voltage (VOUT (nom) ) is the target output voltage of the part, as given by the output-voltage-option identifier. See Ordering Information
table for available options.
Note 11: Efficiency is measured versus VIN, with VIN being swept in small increments from 3.0V to 4.2V. The average is calculated from these measurements
results. Weighting to account for battery voltage discharge characteristics (VBAT vs. Time) is not done in computing the average.
Note 12: Turn-on time is measured from when the EN signal is pulled high until the output voltage crosses 90% of its final value.
Block Diagram
20044403
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com