Electronic Components Datasheet Search
  English  ▼

X  

LM4892MM Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4892MM
Description  1 Watt Audio Power Amplifier with Headphone Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4892MM Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM4892MM Datasheet HTML 14Page - National Semiconductor (TI) LM4892MM Datasheet HTML 15Page - National Semiconductor (TI) LM4892MM Datasheet HTML 16Page - National Semiconductor (TI) LM4892MM Datasheet HTML 17Page - National Semiconductor (TI) LM4892MM Datasheet HTML 18Page - National Semiconductor (TI) LM4892MM Datasheet HTML 19Page - National Semiconductor (TI) LM4892MM Datasheet HTML 20Page - National Semiconductor (TI) LM4892MM Datasheet HTML 21Page - National Semiconductor (TI) LM4892MM Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Application Information (Continued)
Mono LM4892 Reference Design Boards
Bill of Material for all Demo Boards
Part Description
Qty
Ref Designator
LM4892 Audio Amplifier
1
U1
Tantalum Capacitor, 1µF
2
Cs, Cb
Ceramic Capacitor, 0.39µF
1
Ci
Capacitor, 100µF
1
Cout
Resistor, 1k
Ω, 1/10W
1
Rpd
Resistor, 20k
Ω, 1/10W
3
Ri, Rf, Rpu2
Resistor, 100k
Ω, 1/10W
2
Rpu1, Rs
Jumper Header Vertical Mount 2X1,
0.100’ spacing
1J1
3.5mm Audio Jack (PC mount, w/o nut),
PN# SJS-0357-B Shogyo International
Corp. (www.shogyo.com)
1J2
PCB LAYOUT GUIDELINES
This section provides practical guidelines for mixed signal
PCB layout that involves various digital/analog power and
ground traces. Designers should note that these are only
’rule-of-thumb’ recommendations and the actual results will
depend heavily on the final layout.
General Mixed Signal Layout Recommendation
Power and Ground Circuits
For 2 layer mixed signal design, it is important to isolate the
digital power and ground trace paths from the analog power
and ground trace paths. Star trace routing techniques (bring-
ing individual traces back to a central point rather than daisy
chaining traces together in a serial manner) can have a
major impact on low level signal performance. Star trace
routing refers to using individual traces to feed power and
ground to each circuit or even device. This technique will
require a greater amount of design time but will not increase
the final price of the board. The only extra parts required will
be some jumpers.
Single-Point Power / Ground Connections
The analog power traces should be connected to the digital
traces through a single point (link). A ’Pi-filter’ can be helpful
in minimizing High Frequency noise coupling between the
analog and digital sections. It is further recommended to put
digital and analog power traces over the corresponding digi-
tal and analog ground traces to minimize noise coupling.
Placement of Digital and Analog Components
All digital components and high-speed digital signal traces
should be located as far away as possible from analog
components and circuit traces.
Avoiding Typical Design / Layout Problems
Avoid ground loops or running digital and analog traces
parallel to each other (side-by-side) on the same PCB layer.
When traces must cross over each other do it at 90 degrees.
Running digital and analog traces at 90 degrees to each
other from the top to the bottom side as much as possible will
minimize capacitive noise coupling and cross talk.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com