Electronic Components Datasheet Search
  English  ▼

X  

LM4892MM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4892MM
Description  1 Watt Audio Power Amplifier with Headphone Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4892MM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4892MM Datasheet HTML 1Page - National Semiconductor (TI) LM4892MM Datasheet HTML 2Page - National Semiconductor (TI) LM4892MM Datasheet HTML 3Page - National Semiconductor (TI) LM4892MM Datasheet HTML 4Page - National Semiconductor (TI) LM4892MM Datasheet HTML 5Page - National Semiconductor (TI) LM4892MM Datasheet HTML 6Page - National Semiconductor (TI) LM4892MM Datasheet HTML 7Page - National Semiconductor (TI) LM4892MM Datasheet HTML 8Page - National Semiconductor (TI) LM4892MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility (Note 4)
2500V
ESD Susceptibility (Note 5)
250V
Junction Temperature
150˚C
Thermal Resistance
θ
JC (SOP)
35˚C/W
θ
JA (SOP)
150˚C/W
θ
JA (micro SMD)
220˚C/W
θ
JC (MSOP)
56˚C/W
θ
JA (MSOP)
190˚C/W
θ
JA (LLP)
220˚C/W (Note 9)
Soldering Information
See AN-1112 ’microSMD Wafers Level Chip Scale
Package’.
See AN-1187 ’Leadless Leadframe Package (LLP)’.
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage
2.2V
≤ V
DD
≤ 5.5V
Electrical Characteristics V
DD =5V
(Notes 1, 2)
The following specifications apply for V
DD = 5V, AV = 2, and 8
Ω load unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4892
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
I
DD
Quiescent Power Supply Current
V
IN = 0V, Io = 0A, HP sense = 0V
4
10
mA (max)
V
IN = 0V, Io = 0A, HP sense = 5V
2.5
mA (max)
I
SD
Shutdown Current
Vshutdown = GND (Note 8)
0.1
µA (max)
P
o
Output Power
THD = 2% (max), f = 1kHz,
R
L =8
Ω, HP Sense < 0.8V
1
W
THD = 1% (max), f = 1kHz,
R
L =32
Ω, HP Sense > 4V
90
mW
V
IH
HP Sense high input voltage
4
V (min)
V
IL
HP Sense low input voltage
0.8
V (max)
THD+N
Total Harmonic Distortion+Noise
P
o = 0.4 Wrms; f = 1kHz 10Hz
≤
BW
≤ 80kHz
0.1
%
PSSR
Power Supply Rejection Ratio
V
ripple = 200mV sine p-p
62 (f =
217Hz) 66 (f
= 1kHz)
dB
Electrical Characteristics V
DD = 3.3V
(Notes 1, 2)
The following specifications apply for V
DD = 3.3V, AV = 2, and 8
Ω load unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4892
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
I
DD
Quiescent Power Supply Current
V
IN = 0V, Io = 0A, HP sense = 0V
3.5
mA (max)
V
IN = 0V, Io = 0A, HP sense = 3.3V
2.0
mA (max)
I
SD
Shutdown Current
Vshutdown = GND (Note 8)
0.1
µA (max)
P
o
Output Power
THD = 1% (max), f = 1kHz,
R
L =8
Ω, HP Sense < 0.8V
0.4
W
THD = 1% (max), f = 1kHz,
R
L =32
Ω, HP Sense > 3V
35
mW
V
IH
HP Sense high input voltage
2.6
V (min)
V
IL
HP Sense low input voltage
0.8
V (max)
THD+N
Total Harmonic Distortion+Noise
P
o = 0.15 Wrms; f = 1kHz 10Hz
≤
BW
≤ 80kHz
0.1
%
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com