Electronic Components Datasheet Search
  English  ▼

X  

W305B Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # W305B
Description  Frequency Controller with System Recovery for Intel Integrated Core Logic
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W305B Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button W305B Datasheet HTML 13Page - Cypress Semiconductor W305B Datasheet HTML 14Page - Cypress Semiconductor W305B Datasheet HTML 15Page - Cypress Semiconductor W305B Datasheet HTML 16Page - Cypress Semiconductor W305B Datasheet HTML 17Page - Cypress Semiconductor W305B Datasheet HTML 18Page - Cypress Semiconductor W305B Datasheet HTML 19Page - Cypress Semiconductor W305B Datasheet HTML 20Page - Cypress Semiconductor W305B Datasheet HTML 21Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
W305B
Document #: 38-07262 Rev. *B
Page 19 of 21
Layout Example
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
6
7
13
19
20
24
G = VIA to GND plane layer
V =VIA to respective supply plane layer
Note: Each supply plane or strip should have a ferrite bead and capacitors
+2.5V Supply
1
2
3
4
5
8
9
11
12
14
15
16
17
22
23
21
25
26
27
28
40
39
18
41
10
31
30
29
36
35
34
33
32
37
38
G
V
FB
+3.3V Supply
C4
Cermaic Cap C1, C3 & C5 = 10 - 22 µF
C2 & C4 = .005 µF
10 mF
FB
C1
C2
.005 mf
FB = Dale ILB1206 - 300 (300
Ω @ 100 MHz) or TDK ACB 2012L-120
10 mF
.005 mF
G
G
G
G
VDDQ2
VDDQ3
C3
C6 = 0.1
µF
G
G
5
Ω
+3.3V
C5
C6
G
V
0.1 µF
10
µF
G
V
G
V
G
V
G
V
G
V
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
V
G
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com