Electronic Components Datasheet Search
  English  ▼

X  

W305B Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W305B
Description  Frequency Controller with System Recovery for Intel Integrated Core Logic
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W305B Datasheet(HTML) 2 Page - Cypress Semiconductor

  W305B Datasheet HTML 1Page - Cypress Semiconductor W305B Datasheet HTML 2Page - Cypress Semiconductor W305B Datasheet HTML 3Page - Cypress Semiconductor W305B Datasheet HTML 4Page - Cypress Semiconductor W305B Datasheet HTML 5Page - Cypress Semiconductor W305B Datasheet HTML 6Page - Cypress Semiconductor W305B Datasheet HTML 7Page - Cypress Semiconductor W305B Datasheet HTML 8Page - Cypress Semiconductor W305B Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
W305B
Document #: 38-07262 Rev. *B
Page 2 of 21
Pin Definitions
Pin Name
Pin No.
Pin
Type
Pin Description
REF2X/FS3
3
I/O
Reference Clock with 2x Drive/Frequency Select 3. 3.3V 14.318-MHz clock
output. This pin also serves as the select strap to determines device operating
frequency as described in Table 5.
X1
4
I
Crystal Input. This pin has dual functions. It can be used as an external
14.318-MHz crystal connection or as an external reference frequency input.
X2
5
O
Crystal Output. An input connection for an external 14.318-MHz crystal
connection. If using an external reference, this pin must be left unconnected.
PCI0/FS0
11
I/O
PCI Clock 0/Frequency Selection 0. 3.3V 33-MHz PCI clock outputs. This pin
also serves as the select strap to determine device operating frequency as
described in Table 5.
PCI1/FS1
12
I/O
PCI Clock 1/Frequency Selection 1. 3.3V 33-MHz PCI clock outputs. This pin
also serves as the select strap to determine device operating frequency as
described in Table 5.
PCI2/FS2
13
I/O
PCI Clock 2/Frequency Selection 2. 3.3V 33-MHz PCI clock outputs. This pin
also serves as the select strap to determine device operating frequency as
described in Table 5.
PCI3:7
15, 16, 18, 19, 20
O
PCI Clock 3 through 7. 3.3V 33-MHz PCI clock outputs. PCI0:7 can be individ-
ually turned off via SMBus interface.
3V66_0:2
7, 8, 9
O
66-MHz Clock Output. 3.3V output clocks. The operating frequency is
controlled by FS0:4 (see Table 5).
48MHz
22
O
48MHz. 3.3V 48-MHz non-spread spectrum output.
48MHz/FS4
23
I/O
48-MHz Output/Frequency Selection 4. 3.3V 48-MHz non-spread spectrum
output. This pin also serves as the select strap to determine device operating
frequency as described in Table 5.
24_48MHz/SEL24
_48MHz#
24
I/O
24- or 48-MHz Output/Select 24 or 48MHz. 3.3V 24 or 48-MHz non-spread
spectrum output. This pin also serves as the select strap to determine the output
frequency for 24_48MHz output.
RST#
30
O
(open-d
rain)
Reset#. Open-drain RESET# output.
CPU0:1
52, 51
O
CPU Clock Outputs. Clock outputs for the host bus interface. Output
frequencies depending on the configuration of FS0:4. Voltage swing is set by
VDDQ2.
SDRAM0:12,
49, 48, 47, 44,
43, 42, 41, 38,
37, 36, 35, 32, 31
O
SDRAM Clock Outputs. 3.3V outputs for SDRAM and chipset. The operating
frequency is controlled by FS0:4 (see Table 5).
APIC
55
O
Synchronous APIC Clock Outputs. Clock outputs running synchronous with
the PCI clock outputs. Voltage swing set by VDDQ2.
SDATA
26
I/O
Data pin for SMBus circuitry.
SCLK
29
I
Clock pin for SMBus circuitry.
VDDQ3
2, 6, 17, 25, 28,
34, 40, 46
P
3.3V Power Connection. Power supply for SDRAM output buffers, PCI output
buffers, reference output buffers and 48-MHz output buffers. Connect to 3.3V.
VDDQ2
53, 56
P
2.5V Power Connection. Power supply for APIC and CPU output buffers.
Connect to 2.5V.
GND
1, 10, 14, 21, 27,
33, 39, 45, 50, 54
G
Ground Connections. Connect all ground pins to the common system ground
plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com