Electronic Components Datasheet Search
  English  ▼

X  

24LLC02 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # 24LLC02
Description  2K-bit Serial EEPROM for Low Power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

24LLC02 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button 24LLC02 Datasheet HTML 11Page - List of Unclassifed Manufacturers 24LLC02 Datasheet HTML 12Page - List of Unclassifed Manufacturers 24LLC02 Datasheet HTML 13Page - List of Unclassifed Manufacturers 24LLC02 Datasheet HTML 14Page - List of Unclassifed Manufacturers 24LLC02 Datasheet HTML 15Page - List of Unclassifed Manufacturers 24LLC02 Datasheet HTML 16Page - List of Unclassifed Manufacturers 24LLC02 Datasheet HTML 17Page - List of Unclassifed Manufacturers 24LLC02 Datasheet HTML 18Page - List of Unclassifed Manufacturers 24LLC02 Datasheet HTML 19Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
!
 
 
7
15 (4X)
(4X)
D
PIN #1 INDENT O0.025 DEEP 0.006-0.008
E-PIN O0.118 NOTE 9
B2
B1
B
e
S
E
C
eB
DIMENSIONS IN MILLIMETERS
DIMENSIONS IN INCHS
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
-
-
5.33
-
-
0.210
A1
0.38
-
-
0.015
-
-
A2
3.25
3.30
3.45
0.128
0.130
0.136
B
0.36
0.46
0.56
0.014
0.018
0.022
B1
1.14
1.27
1.52
0.045
0.050
0.060
B2
0.81
0.99
1.17
0.032
0.039
0.046
C
0.20
0.25
0.33
0.008
0.010
0.013
D
9.12
9.30
9.53
0.359
0.366
0.375
E
7.62
-
8.26
0.300
-
0.325
E1
6.20
6.35
6.60
0.244
0.250
0.260
e
-
2.54
-
-
0.100
-
L
3.18
-
-
0.125
-
-
Eb
8.38
-
9.40
0.330
-
0.370
s
0.71
0.84
0.97
0.028
0.033
0.038
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN, R.O.C
Email: server@ceramate.com.tw
Tel:886-3-3529445
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
17 of 19
Rev 1.2 May 6,2002
24LLC02
2K-bit Serial EEPROM for Low Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com