Electronic Components Datasheet Search
  English  ▼

X  

24LLC02 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 24LLC02
Description  2K-bit Serial EEPROM for Low Power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

24LLC02 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 24LLC02 Datasheet HTML 7Page - List of Unclassifed Manufacturers 24LLC02 Datasheet HTML 8Page - List of Unclassifed Manufacturers 24LLC02 Datasheet HTML 9Page - List of Unclassifed Manufacturers 24LLC02 Datasheet HTML 10Page - List of Unclassifed Manufacturers 24LLC02 Datasheet HTML 11Page - List of Unclassifed Manufacturers 24LLC02 Datasheet HTML 12Page - List of Unclassifed Manufacturers 24LLC02 Datasheet HTML 13Page - List of Unclassifed Manufacturers 24LLC02 Datasheet HTML 14Page - List of Unclassifed Manufacturers 24LLC02 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
HARDWARE-BASED WRITE PROTECTION
You can also write-protect the entire memory area of the 24LLC02. This method of write protection is controlled
by the state of the Write Protect (WP) pin.
When the WP pin is connected to VCC , any attempt to write a value to the memory is ignored.
The 24LLC02 will acknowledge slave and word address, but it will not generate an acknowledge after receiving
the first byte of the data. Thus the write cycle will not be started when the stop condition is generated . By
connecting the WP pin to VSS , t he write function is allowed for the entire memory.
These write protection features effectively change the EEPROM to a ROM in order to prevent data from being
overwritten. Whenever the write function is disabled, a slave address and a word address are acknowledged on
the bus, but data bytes are not acknowledged.
CURRENT ADDRESS BYTE READ OPERATION
The internal word address pointer maintains the address of the last word accessed, incremented by one.
Therefore, if the last access (either read or write) was to the address “n”, the next read operation would access
data at address “n+1”.
When the 24LLC02 receives a slave address with the R / W bit set to “1”, it issues an ACK and sends the eight
bits of data.The master does not acknowledge the transfer but it does generate a Stop condition. In this way,
the 24LLC02 effectively stops the transmission (see Figure 1-12).
Slave Address
Data
Start
A
C
K
Stop
N
O
A
C
K
Figure 1-12. Current Address Byte Read Operation
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN, R.O.C
Email: server@ceramate.com.tw
Tel:886-3-3529445
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
11 of 19
Rev 1.2 May 6,2002
24LLC02
2K-bit Serial EEPROM for Low Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com