Electronic Components Datasheet Search
  English  ▼

X  

24LLC02T Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 24LLC02T
Description  2K-bit Serial EEPROM for Low Power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

24LLC02T Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 24LLC02T Datasheet HTML 5Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 6Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 7Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 8Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 9Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 10Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 11Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 12Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
PAGE WRITE OPERATION
The 24LLC02 can also perform 16-byte page write operation. A page write operation is initiated in the same
way as a byte write operation. However, instead of finishing the write operation after the first data byte is
transferred, the master can transmit up to 15 additional bytes. The 24LLC02 responds with an ACK each
time it receives a complete byte of data (see Figure 1-10).
Slave Address
Word Address (n)
Start
A
C
K
A
C
K
Data (n)
A
C
K
A
C
K
Data (
≤ n + 15)
Stop
A
C
K
Figure 1-10. Page Write Operation
The 24LLC02 automatically increments the word address pointer each time it receives a complete data byte.
When one byte has been received, the internal word address pointer increments to the next address and the
next data byte can be received.
If the master transmits more than 16 bytes before it generates a stop condition to end the page write operation,
the 24LLC02 word address pointer value “rolls over” and the previously received data is overwritten.If the
master transmits less than 16 bytes and generates a stop condition, the 24LLC02 writes the received data to
the corresponding EEPROM address.
During a page write operation, all inputs are disabled and there is no response to additional requests from the
master until the internal write cycle is completed.
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN, R.O.C
Email: server@ceramate.com.tw
Tel:886-3-3529445
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 9 of 19
Rev 1.2 May 6,2002
24LLC02
2K-bit Serial EEPROM for Low Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com