Electronic Components Datasheet Search
  English  ▼

X  

24LLC02T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 24LLC02T
Description  2K-bit Serial EEPROM for Low Power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

24LLC02T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  24LLC02T Datasheet HTML 1Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 2Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 3Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 4Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 5Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 6Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 7Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 8Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
OVERVIEW
The 24LLC02 serial EEPROM has a 2,048-bit capacity, supporting the standard I2 C™-bus serial interface.
It is fabricated using Ceramate's most advanced CMOS technology. It has been developed for low power and low
voltage applications (1.8 V to 5.5 V). One of its major feature is a hardware-based write protection circuit for
the entire memory area. Hardware-based write protection is controlled by the state of the write-protect (WP)
pin. Using one-page write mode, you can load up to 16 bytes of data into the EEPROM in a single write
operation. Another significant feature of the
24LLC02 is its support for fast mode and standard mode.
FEATURES
I
2C-Bus Interface
•
Two-wire serial interface
•
Automatic word address increment
EEPROM
•
2K-bit (2,048-bit/256-byte) storage area
• 16-byte page buffer
• Hardware-based write protection for the entire
EEPROM (using the WP pin)
•
EEPROM programming voltage generated
on chip
•
1,000,000 erase/write cycles
•
100 years data retention
Operating Characteristics
•
Operating voltage
— 1.8 V to 5.5 V
•
Operating current
— Maximum write current: < 3 mA at 5.5 V
— Maximum read current: < 200
µA at 5.5 V
— Maximum stand-by current: < 5
µA at 5.5 V
•
Operating temperature range
— – 25°C to + 70°C (commercial)
— – 40°C to + 85°C (industrial)
•
Operating clock frequencies
— 100 kHz at standard mode
— 400 kHz at fast mode
•
Electrostatic discharge (ESD)
— 5,000 V (HBM)
— 500 V (MM)
Packages
•
8-pin P-DIP , SOP , TSSOP
24LLC02
2K-bit Serial EEPROM for Low Power
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN, R.O.C
Email: server@ceramate.com.tw
Tel:886-3-3529445
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
1 of 19
Rev 1.2 May 6,2002
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN, R.O.C
Email: server@ceramate.com.tw
ORDERING INFORMATION
24 LLC
02
X
X
Operating Voltage
Type
Temp. grade
Packing
LLC:1.8~5.5V,CMOS
02=2K
Blank:-25℃~+70℃
Blank :Tube
A :Taping(SOP8)
T :Taping(TSSOP8)


Similar Part No. - 24LLC02T

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
24LLC02T CERAMATE-24LLC02T Datasheet
458Kb / 19P
2K-Bits Serial EEPROM For Low Power
More results

Similar Description - 24LLC02T

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524A40X10 SAMSUNG-S524A40X10 Datasheet
132Kb / 18P
1K/2K/4K-bit Serial EEPROM for Low Power with software write protect
S524A40X11 SAMSUNG-S524A40X11 Datasheet
124Kb / 16P
1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02 Datasheet
49Kb / 10P
2K-Bit I2C Serial EEPROM, Serial Presence Detect
logo
Seiko Instruments Inc
S-29255A SII-S-29255A Datasheet
846Kb / 14P
CMOS 2K/4K-bit SERIAL EEPROM
logo
Catalyst Semiconductor
93C57 CATALYST-93C57 Datasheet
406Kb / 9P
2K-Bit Microwire Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Ceramate Technical
24LLC02 CERAMATE-24LLC02 Datasheet
458Kb / 19P
2K-Bits Serial EEPROM For Low Power
logo
Catalyst Semiconductor
CAT93C56 CATALYST-CAT93C56_06 Datasheet
411Kb / 9P
2K-Bit Microwire Serial EEPROM
logo
List of Unclassifed Man...
24A01 ETC2-24A01 Datasheet
1Mb / 24P
1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Sanyo Semicon Device
LE24CBK22 SANYO-LE24CBK22 Datasheet
193Kb / 20P
Two Wire Serial Interface EEPROM (2K2K EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com