Electronic Components Datasheet Search
  English  ▼

X  

AD5247 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5247
Description  128-Position I2C Compatible Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5247 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5247 Datasheet HTML 3Page - Analog Devices AD5247 Datasheet HTML 4Page - Analog Devices AD5247 Datasheet HTML 5Page - Analog Devices AD5247 Datasheet HTML 6Page - Analog Devices AD5247 Datasheet HTML 7Page - Analog Devices AD5247 Datasheet HTML 8Page - Analog Devices AD5247 Datasheet HTML 9Page - Analog Devices AD5247 Datasheet HTML 10Page - Analog Devices AD5247 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD5247
TYPICAL PERFORMANCE CHARACTERISTICS
CODE (Decimal)
0
–1.0
0
0.2
1.0
16
32
48
64
80
96
112
128
–0.8
–0.6
–0.4
–0.2
0.4
0.6
0.8
VDD = 2.7V
VDD = 5.5V
TA = 25°C
RAB = 10kΩ
Figure 2. R-INL vs. Code vs. Supply Voltages
CODE (Decimal)
0
–0.5
–0.4
–0.3
–0.2
16
32
48
64
80
96
112
128
–0.1
0
0.1
0.2
0.3
0.4
0.5
VDD = 2.7V
VDD = 5.5V
TA = 25°C
RAB = 10kΩ
Figure 3. R-DNL vs. Code vs. Supply Voltages
CODE (Decimal)
0
–0.25
0
0.05
0.25
16
32
48
64
80
96
112
128
–0.20
–0.15
–0.10
–0.05
0.10
0.15
0.20
VDD = 2.7V
RAB = 10kΩ
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
TA = –40°C
TA = +25°C, +85°C, +125°C
Figure 4. INL vs. Code vs. Temperature
CODE (Decimal)
0
–0.25
–0.20
–0.15
–0.10
16
32
48
–0.05
0
0.05
0.10
0.15
0.20
0.25
64
80
96
112
128
TA = –40°C, +25°C, +85°C, +125°C
–40°C
+25°C
+85°C
+125°C
VDD = 2.7V
RAB = 10kΩ
Figure 5. DNL vs. Code vs. Temperature
CODE (Decimal)
0
–0.25
0
0.05
0.25
16
32
48
64
80
96
112
128
–0.20
–0.15
–0.10
–0.05
0.10
0.15
0.20
VDD = 2.7V
VDD = 5.5V
TA = 25°C
RAB = 10kΩ
Figure 6. INL vs. Code vs. Supply Voltages
CODE (Decimal)
0
–0.25
0
0.05
0.25
16
32
48
64
80
96
112
128
–0.20
–0.15
–0.10
–0.05
0.10
0.15
0.20
TA = 25°C
RAB = 10kΩ
VDD = 2.7V
VDD = 5.5V
VDD = 2.7V
VDD = 5.5V
Figure 7. DNL vs. Code vs. Supply Voltages
Rev. 0 | Page 7 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com