Electronic Components Datasheet Search
  English  ▼

X  

AD5247 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5247
Description  128-Position I2C Compatible Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5247 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5247 Datasheet HTML 11Page - Analog Devices AD5247 Datasheet HTML 12Page - Analog Devices AD5247 Datasheet HTML 13Page - Analog Devices AD5247 Datasheet HTML 14Page - Analog Devices AD5247 Datasheet HTML 15Page - Analog Devices AD5247 Datasheet HTML 16Page - Analog Devices AD5247 Datasheet HTML 17Page - Analog Devices AD5247 Datasheet HTML 18Page - Analog Devices AD5247 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD5247
A
VDD
W
GND
LEVEL SHIFTING FOR BIDIRECTIONAL INTERFACE
While most legacy systems may be operated at one voltage, a
new component may be optimized at another. When two
systems operate the same signal at two different voltages, proper
level shifting is needed. For instance, one can use a 3.3 V
E2PROM to interface with a 5 V digital potentiometer. A level
shifting scheme is needed to enable a bidirectional communi-
cation so that the setting of the digital potentiometer can be
stored to and retrieved from the E2PROM. F
shows one
of the implementations. M1 and M2 can be any N channel
signal FETs, or if VDD falls below 2.5 V, M1 and M2 can be low
threshold FETs such as the FDV301N.
igure 35
Figure 35. Level Shifting for Operation at Different Potentials
E2PROM
AD5247
SDA1
SCL1
D
G
RP
RP
3.3V
5V
S
M1
SCL2
SDA2
RP
RP
G
S
M2
VDD1 = 3.3V
VDD2 = 5V
D
ESD PROTECTION
All digital inputs are protected with a series input resistor and
parallel Zener ESD structures shown in
and
.
This applies to the digital input pins SDA and SCL.
Figure 36
Figure 36. ESD Protection of Digital Pins
Figure 37
Figure 37. ESD Protection of Resistor Terminals
LOGIC
340
Ω
GND
A,W
GND
TERMINAL VOLTAGE OPERATING RANGE
The AD5247 VDD and GND power supply defines the boundary
conditions for proper 3-terminal digital potentiometer
operation. Supply signals present on terminals A and W that
exceed VDD or GND will be clamped by the internal forward
biased diodes (see
).
Figure 38
Figure 38. Maximum Terminal Voltages Set by VDD and GND
igure 38
MAXIMUM OPERATING CURRENT
At low code values, the user should be aware that due to low
resistance values, the current through the RDAC may exceed
the 5 mA limit. In F
, a 5 V supply is placed on the wiper,
and the current through terminals W and B is plotted with
respect to code. A line is also drawn denoting the 5 mA current
limit. Note that at low code values (particularly for the 5 kΩ and
10 kΩ options), the current level increases significantly. Care
should be taken to limit the current flow between W and B in
this state to a maximum continuous current of 5 mA and a
maximum pulse current of no more than 20 mA. Otherwise,
degradation or possible destruction of the internal switch
contacts can occur.
igure 39
Figure 39. Maximum Operating Current
CODE (Decimal)
0
0.01
0.10
1.00
10.00
16
32
48
64
80
96
112
128
100.00
5mA CURRENT LIMIT
RAB = 5kΩ
RAB = 10kΩ
RAB = 100kΩ
RAB = 50kΩ
POWER-UP SEQUENCE
Since the ESD protection diodes limit the voltage compliance at
terminals A and W (see F
), it is important to power
VDD/GND before applying any voltage to terminals A and W;
otherwise, the diode will be forward biased such that VDD will be
powered unintentionally and may affect the rest of the user’s
circuit. The ideal power-up sequence is in the following order:
GND, VDD, digital inputs, and then VA/VW. The relative order of
powering VA and VW and the digital inputs is not important as
long as they are powered after VDD/GND.
Rev. 0 | Page 15 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com