Electronic Components Datasheet Search
  English  ▼

X  

AD8610 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8610
Description  Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8610 Datasheet HTML 17Page - Analog Devices AD8610 Datasheet HTML 18Page - Analog Devices AD8610 Datasheet HTML 19Page - Analog Devices AD8610 Datasheet HTML 20Page - Analog Devices AD8610 Datasheet HTML 21Page - Analog Devices AD8610 Datasheet HTML 22Page - Analog Devices AD8610 Datasheet HTML 23Page - Analog Devices AD8610 Datasheet HTML 24Page - Analog Devices AD8610 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet
ADA4625-1
Rev. 0 | Page 21 of 30
NO PHASE INVERSION
Rail-to-rail output (RRO) amplifiers without rail-to-rail input
(RRI) are prone to phase inversion because the output can drive
the input outside of the normal common-mode range, causing
the output to go in the wrong direction and latch up. To prevent
phase inversion control the input at all times. Even though the
RRO of the ADA4625-1 input stage (M1, M2, R1, and R2)
operates correctly down to 0.2 V below V−, it does not operate
correctly within 2.5 V of V+. The ADA4625-1 guarantees no
phase inversion by implementing an input pair (M3 and M4)
to extend the common-mode range to 0.2 V above V+, with
reduced performance. M3 and M4 are not active in the normal
common-mode range. Figure 68 shows that the input voltage
exceeds both supplies by 200 mV with no phase inversion at the
output.
–25
–20
–15
–10
–5
0
5
10
15
20
25
TIME (200µs/DIV)
VIN
VOUT
VSY = ±18V
VIN = 36.4V p-p
AV = 1
Figure 68. No Phase Reversal If the Input Range Exceeds the Power Supply
by 200 mV
SUPPLY CURRENT
The supply current (ISY) is the quiescent current drawn by the
op amp with no load. Figure 69 and Figure 70 show that the
quiescent current varies with the common-mode input voltage.
The shape of ISY vs. VCM at higher VCM shows saturation of
BUFF1 and the turn off of ITAIL.
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–18.2
–12.2
–6.2
–0.2
5.8
11.8
17.8
VCM (V)
TA = +85°C
TA = +25°C
TA = +125°C
TA = –40°C
Figure 69. ISY vs VCM, VSY = ±18 V
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–0.2
0.7
1.6
2.5
3.4
4.3
5.2
VCM (V)
TA = +85°C
TA = +25°C
TA = +125°C
TA = –40°C
Figure 70. ISY vs VCM, VSY = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com