Electronic Components Datasheet Search
  English  ▼

X  

AD8610 Datasheet(PDF) 29 Page - Analog Devices

Part # AD8610
Description  Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8610 Datasheet HTML 22Page - Analog Devices AD8610 Datasheet HTML 23Page - Analog Devices AD8610 Datasheet HTML 24Page - Analog Devices AD8610 Datasheet HTML 25Page - Analog Devices AD8610 Datasheet HTML 26Page - Analog Devices AD8610 Datasheet HTML 27Page - Analog Devices AD8610 Datasheet HTML 28Page - Analog Devices AD8610 Datasheet HTML 29Page - Analog Devices AD8610 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Data Sheet
ADA4625-1
Rev. 0 | Page 29 of 30
THERMAL MANAGEMENT
The ADA4625-1 can operate with up to a 36 V supply voltage
with a typical 4 mA quiescent current. Heavy loads increase
power dissipation and raise the chip junction temperature.
The maximum safe power dissipation for the ADA4625-1 is
limited by the associated rise in junction temperature (TJ) on
the die. Two conditions affect TJ: power dissipation (PD) of the
device and ambient temperature (TA) surrounding the package.
This relationship is shown in Equation 11.
TJ = PD × θJA + TA
(11)
where θJA is the thermal resistance between the die and the
ambient environment. The total power dissipation in the
amplifier is the sum of the power dissipated in the output stage
plus the quiescent power. Power dissipation for the sourcing
current is shown in Equation 12, where VSY is the total supply
voltage (V+) – (V−).
PD = VSY × ISY + ((V+) − VOUT)IOUT
(12)
Replace ((V+) − VOUT) in Equation 12 with ((V−) − VOUT) when
sinking current.
For symmetrical supplies with a ground referenced load, use the
following equation to calculate the average power for the amplifier
processing sine signal.





L
2
PEAK
L
PEAK
R
2
V
R
V
)
(V
π
2
SY
SY
SINE
AVG,
I
V
P
(13)
where VPEAK is the peak value of a sine wave output voltage.
The specified thermal resistance θJA of the ADA4625-1 is 52.8°C/W.
A good PCB layout and an external heat sink can improve thermal
performance by reducing junction to ambient temperature.
The ADA4625-1 features an exposed pad that floats internally
to provide the maximum flexibility and ease of use. Solder the
exposed pad to the PCB board GND, or the V+ or V− plane for
best thermal transfer. Where thermal heating is not an issue, the
exposed pad can be left floating.
Incorporate the use of thermal vias or heat pipes into the design
of the mounting pad for the exposed pad to lower the overall θJA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com