Electronic Components Datasheet Search
  English  ▼

X  

LANEC Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANEC
Description  Single Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEC Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANEC Datasheet HTML 1Page - Wall Industries,Inc. LANEC Datasheet HTML 2Page - Wall Industries,Inc. LANEC Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
04/13/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 3
LANE-C Series
1 Watt
DC/DC Converter
Single and Dual Outputs
Rev B
MODEL SELECTION TABLE
Model Number
Input Voltage
Output Voltage
Output Current
Efficiency (Typ.)
Output Power
LANE505RC
5 VDC
100mA
45%
0.5W
LANE509RC
9 VDC
100mA
55%
0.9W
LANE512RC
12 VDC
83mA
55%
1W
LANE512.75RC
12.75 VDC
78mA
-
1W
LANE515RC
5 VDC
(4.5 - 5.5 VDC)
15 VDC
67mA
60%
1W
LANE1205RC
5 VDC
100mA
45%
0.5W
LANE1209RC
9 VDC
100mA
55%
0.9W
LANE1212RC
12 VDC
83mA
55%
1W
LANE1212.75RC
12.75 VDC
78mA
-
1W
LANE1215RC
12 VDC
(10.8 - 13.2 VDC)
15 VDC
67mA
60%
1W
LANE1505RC
5 VDC
100mA
45%
0.5W
LANE1509RC
9 VDC
100mA
55%
0.9W
LANE1512RC
12 VDC
83mA
55%
1W
LANE1512.75RC
12.75 VDC
78mA
-
1W
LANE1515RC
15 VDC
(13.5 - 16.5 VDC)
15 VDC
67mA
60%
1W
LANE2405RC
5 VDC
100mA
45%
0.5W
LANE2409RC
9 VDC
100mA
55%
0.9W
LANE2412RC
12 VDC
83mA
55%
1W
LANE2412.75RC
12.75 VDC
78mA
-
1W
LANE2415RC
24 VDC
(21.6 - 26.4 VDC)
15 VDC
67mA
60%
1W
RECOMMENDED TEST CIRCUIT
DERATING CURVE
TOLERANCE ENVELOPE GRAPH
Vin
GND
Cin
Single
Cout
+Vout
-Vout
5V: Cin 4.7µF, 25V
5V: Cout 10µF, 25V
9V: Cin 4.7µF, 25V
9V: Cout 4.7µF, 25V
12V: Cin 2.2µF, 25V
12V: Cout 2.2µF, 25V
15V: Cin 1µF, 50V
15V: Cout 1µF, 50V
100
75
50
25
0
Natural Conv ection
-40
85
100
Ambient Temperature (°C)
120
110
100
90
80
70
-10
20
30
40
50
60
70
80
90
100 110 120
Output Current (%)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com