Electronic Components Datasheet Search
  English  ▼

X  

LANEC Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LANEC
Description  Single Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEC Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LANEC Datasheet HTML 1Page - Wall Industries,Inc. LANEC Datasheet HTML 2Page - Wall Industries,Inc. LANEC Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
04/13/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 3
LANE-C Series
1 Watt
DC/DC Converter
Single and Dual Outputs
Rev B
MECHANICAL DRAWING
Unit: inches (mm)
5, 12, & 15V INPUT MODELS
24V INPUT MODELS
PIN CONNECTIONS
PIN
SINGLE
1
+Vin
2
-Vin
4
-Vout
5
CTRL
6
+Vout
BOTTOM VIEW
0.77 (19.50)
0.16 (4.0)
0.02 (0.50±0.05)
0.1 (2.54)
printed face
0.05
(1.25)
0.08
(2.00)
0.5 (12.70)
0.01
(0.25±0.05)
TOP VIEW
1
2
4
5
6
0.77 (19.50)
0.16 (4.0)
0.02 (0.50±0.05)
0.1 (2.54)
printed face
0.05
(1.25)
0.08
(2.00)
0.5 (12.70)
0.01
(0.25±0.05)
TOP VIEW
BOTTOM VIEW
1
2
4
5
6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com