Electronic Components Datasheet Search
  English  ▼

X  

AD8028 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8028
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8028 Datasheet HTML 14Page - Analog Devices AD8028 Datasheet HTML 15Page - Analog Devices AD8028 Datasheet HTML 16Page - Analog Devices AD8028 Datasheet HTML 17Page - Analog Devices AD8028 Datasheet HTML 18Page - Analog Devices AD8028 Datasheet HTML 19Page - Analog Devices AD8028 Datasheet HTML 20Page - Analog Devices AD8028 Datasheet HTML 21Page - Analog Devices AD8028 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8027/AD8028
Rev. B | Page 18 of 24
WIDEBAND OPERATION
Voltage feedback amplifiers can use a wide range of resistor
values to set their gain. Proper design of the application’s feed-
back network requires consideration of the following issues:
•
Poles formed by the amplifier’s input capacitances
with the resistances seen at the amplifier’s input
terminals
•
Effects of mismatched source impedances
•
Resistor value impact on the application’s voltage noise
•
Amplifier loading effects
The AD8027/AD8028 has an input capacitance of 2 pF. This
input capacitance will form a pole with the amplifier’s feedback
network, destabilizing the loop. For this reason, it is generally
desirable to keep the source resistances below 500 Ω, unless
some capacitance is included in the feedback network. Likewise,
keeping the source resistances low will also take advantage of
the AD8027/AD8028’s low input referred voltage noise of
4.3 nV/√Hz.
With a wide bandwidth of over 190 MHz, the AD8027/AD8028
has numerous applications and configurations. The
AD8027/AD8028 shown in Figure 57 is configured as a nonin-
verting amplifier. The inverting configuration is shown in
Figure 58 and an easy selection table of gain, resistor values,
bandwidth, slew rate, and noise performance is presented in
Table 5.
+V
–V
C2
10
µF
C1
0.1
µF
C4
0.1
µF
C3
10
µF
VOUT
RG
R1
RF
SELECT
VIN
R1 = RF||RG
AD8027/
AD8028
+
–
03327-A-056
Figure 57. Wideband Noninverting Gain Configuration
+V
–V
C2
10
µF
C1
0.1
µF
C4
0.1
µF
C3
10
µF
R1
C5
VOUT
RG
R1 = RF||RG
RF
VIN
SELECT
AD8027/
AD8028
+
–
03327-A-057
CF
Figure 58. Wideband Inverting Gain Configuration
Table 5. Component Values, Bandwidth, and Noise
Performance (VS = ±2.5 V)
Noise Gain
(Noninverting)
RSOURCE
(Ω)
RF
(Ω)
RG
(Ω)
–3 dB
SS BW
(MHz)
Output
Noise with
Resistors
(nV/√Hz)
1
50
0
N/A
190
4.4
2
50
499
499
95
10
10
50
499
54.9
13
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com